データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28022FRZ データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISL28022FRZ
部品情報  Precision Digital Power Monitor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28022FRZ データシート(HTML) 9 Page - Intersil Corporation

Back Button ISL28022FRZ Datasheet HTML 5Page - Intersil Corporation ISL28022FRZ Datasheet HTML 6Page - Intersil Corporation ISL28022FRZ Datasheet HTML 7Page - Intersil Corporation ISL28022FRZ Datasheet HTML 8Page - Intersil Corporation ISL28022FRZ Datasheet HTML 9Page - Intersil Corporation ISL28022FRZ Datasheet HTML 10Page - Intersil Corporation ISL28022FRZ Datasheet HTML 11Page - Intersil Corporation ISL28022FRZ Datasheet HTML 12Page - Intersil Corporation ISL28022FRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ISL28022
9
FN8386.1
April 26, 2013
FIGURE 6. VSHUNT GAIN vs TEMPERATURE
FIGURE 7. VBUS MEASUREMENT ERROR DISTRIBUTION
FIGURE 8. VBUS MEASUREMENT ERROR vs VBUS (TA = +25°C)
FIGURE 9. VBUS MEASUREMENT ERROR vs TEMPERATURE
FIGURE 10. CMRR vs TEMPERATURE
FIGURE 11. SUPPLY CURRENT vs MODE vs TEMPERATURE
Typical Performance Curves
TA = +25°C, VCC = 3.3V, VINP = VBUS = 12V, S(B)ADC =15; unless otherwise specified. (Continued)
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VCC = 5.5V
VCC = 3.3V
VCC = 3V
VSHUNT (DIFF) = 32mV
VSHUNT (CMV) = 12V
SADC = 15
0
10
20
30
40
50
60
70
-0.30 -0.25 -0.20 -0.15 -0.10 -0.05 0 0.05 0.10 0.15 0.20 0.25 0.30
VBUS MEASUREMENT ERROR (%)
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
0
8
16
24
32
40
48
56
64
VBUS (V)
VCC = 5.5V
VCC = 3.3V
VCC = 3V
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VCC = 5.5V
VCC = 3.3V
VCC = 3V
120
125
130
135
140
145
150
155
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VCC = 3V
VCC = 3.3V
VCC = 5V
VSHUNT (dCMV) = 0V TO 60V
SADC = 15
300
350
400
450
500
550
600
650
700
750
800
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
MODE = 7
MODE = 4


同様の部品番号 - ISL28022FRZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28022FRZ INTERSIL-ISL28022FRZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022FRZ RENESAS-ISL28022FRZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
More results

同様の説明 - ISL28022FRZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
International Rectifier
IR3725 IRF-IR3725_11 Datasheet
435Kb / 19P
   INPUT POWER MONITOR WITH DIGITAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com