データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STU7NM60N データシート(PDF) 1 Page - STMicroelectronics

部品番号 STU7NM60N
部品情報  N-channel 600 V, 5 A, 0.84 ohm, DPAK, TO-220FP, TO-220, IPAK second generation MDmesh Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU7NM60N データシート(HTML) 1 Page - STMicroelectronics

  STU7NM60N Datasheet HTML 1Page - STMicroelectronics STU7NM60N Datasheet HTML 2Page - STMicroelectronics STU7NM60N Datasheet HTML 3Page - STMicroelectronics STU7NM60N Datasheet HTML 4Page - STMicroelectronics STU7NM60N Datasheet HTML 5Page - STMicroelectronics STU7NM60N Datasheet HTML 6Page - STMicroelectronics STU7NM60N Datasheet HTML 7Page - STMicroelectronics STU7NM60N Datasheet HTML 8Page - STMicroelectronics STU7NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
November 2010
Doc ID 16472 Rev 4
1/17
17
STD7NM60N, STF7NM60N
STP7NM60N, STU7NM60N
N-channel 600 V, 5 A, 0.84
Ω, DPAK, TO-220FP, TO-220, IPAK
second generation MDmesh™ Power MOSFET
Features
100% avalanche tested
Low input capacitance and gate charge
Low gate input resistance
Application
Switching applications
Description
These devices are N-channel Power MOSFETs
realized using the second generation of
MDmeshTM technology. It applies the benefits of
the multiple drain process to STMicroelectronics’
well-known PowerMESH™ horizontal layout
structure. The resulting product offers improved
on-resistance, low gate charge, high dv/dt
capability and excellent avalanche characteristics.
Figure 1.
Internal schematic diagram
Order codes
VDSS @
TJmax
RDS(on)
max.
ID
STD7NM60N
STF7NM60N
STP7NM60N
STU7NM60N
650 V
< 0.9
Ω
5 A
DPAK
IPAK
3
2
1
1
3
1
2
3
TO-220
1
2
3
TO-220FP
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STD7NM60N
7NM60N
DPAK
Tape and reel
STF7NM60N
TO-220FP
Tube
STP7NM60N
TO-220
Tube
STU7NM60N
IPAK
Tube
www.st.com


同様の部品番号 - STU7NM60N

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
STU7NM60N ISC-STU7NM60N Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - STU7NM60N

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STD8NM60N STMICROELECTRONICS-STD8NM60N Datasheet
492Kb / 17P
   N-channel 600 V - 0.56 廓 - 7 A - TO-220 - TO-220FP - IPAK - DPAK second generation MDmesh??Power MOSFET
STD11NM60N STMICROELECTRONICS-STD11NM60N Datasheet
470Kb / 17P
   N-channel 600V-0.37ohm-10A-TO-220-TO-220FP- IPAK-DPAK Second generation MDmesh Power MOSFET
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1_08 Datasheet
623Kb / 21P
   N-channel 600 V - 0.37 廓 - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
STD10NM65N STMICROELECTRONICS-STD10NM65N Datasheet
504Kb / 17P
   N-channel 650 V - 0.43 廓 - 9 A - TO-220 - TO-220FP- IPAK - DPAK second generation MDmesh??Power MOSFET
STD9NM50N STMICROELECTRONICS-STD9NM50N Datasheet
491Kb / 17P
   N-channel 500V - 0.47廓 - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STD6NM60N STMICROELECTRONICS-STD6NM60N Datasheet
619Kb / 17P
   N-channel 600V - 0.85廓 - 4.6A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STD7NM50N STMICROELECTRONICS-STD7NM50N Datasheet
421Kb / 17P
   N-channel 500V - 0.70廓 - 5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STD10NM60N STMICROELECTRONICS-STD10NM60N Datasheet
907Kb / 17P
   N-channel 600 V, 0.53 ohm, 10 A, DPAK, TO-220, TO-220FP, IPAK MDmesh II Power MOSFET
November 2010 Rev 5
STX6NM60N STMICROELECTRONICS-STX6NM60N Datasheet
698Kb / 19P
   N-channel 600 V, 0.85 ?? 4.6 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
January 2009 Rev 3
STF12N65M5 STMICROELECTRONICS-STF12N65M5 Datasheet
1Mb / 23P
   N-channel 650 V, 0.39 Ohm, 8.5 A MDmesh V Power MOSFET DPAK, I2PAK, TO-220FP, TO-220, IPAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com