データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVQ244SC データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 74LVQ244SC
部品情報  Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ244SC データシート(HTML) 1 Page - Fairchild Semiconductor

  74LVQ244SC Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ244SC Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ244SC Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ244SC Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ244SC Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ244SC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74LVQ244
Low Voltage Octal Buffer/Line Driver with 3-STATE
Outputs
General Description
The LVQ244 is an octal buffer and line driver designed to be
employed as a memory address driver, clock driver and bus
oriented transmitter or receiver which provides improved PC
board density.
Features
n
Ideal for low power/low noise 3.3V applications
n
Implements patented EMI reduction circuitry
n
Available in SOIC JEDEC, SOIC EIAJ and QSOP
packages
n
Guaranteed simultaneous switching noise level and
dynamic threshold performance
n
Improved latch-up immunity
n
Guaranteed incident wave switching into 75
n
4 kV minimum ESD immunity
Ordering Code:
Order Number
Package Number
Package Description
74LVQ244SC
M20B
20-Lead (0.300" Wide) Molded Small Outline Package, SOIC, JEDEC
74LVQ244SJ
M20D
20-Lead Shrink Molded Small Outline Package, SOIC, EIAJ
74LVQ244QSC
MQA20
20-Lead (0.150" Wide) Molded Shrink Small Outline Package, SSOP, JEDEC
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
Connection Diagram
IEEE/IEC
DS011356-1
Pin Assignment for SOIC and QSOP
DS011356-2
May 1998
© 1998 Fairchild Semiconductor Corporation
DS011356
www.fairchildsemi.com


同様の部品番号 - 74LVQ244SC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVQ244SC FAIRCHILD-74LVQ244SC Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results

同様の説明 - 74LVQ244SC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVTH244 FAIRCHILD-74LVTH244 Datasheet
104Kb / 9P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX244 FAIRCHILD-74LVX244 Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX541 FAIRCHILD-74LVX541 Datasheet
84Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ244 FAIRCHILD-74LVQ244_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT244 FAIRCHILD-74LVT244_08 Datasheet
322Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ241 FAIRCHILD-74LVQ241 Datasheet
62Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240 Datasheet
103Kb / 8P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX240 FAIRCHILD-74LVX240 Datasheet
87Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240_08 Datasheet
326Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240 Datasheet
88Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com