データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVQ32 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 74LVQ32
部品情報  Low Voltage Quad 2-Input OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ32 データシート(HTML) 1 Page - Fairchild Semiconductor

  74LVQ32 Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ32 Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ32 Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ32 Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ32 Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ32 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74LVQ32
Low Voltage Quad 2-Input OR Gate
General Description
The LVQ32 contains four 2-input OR gates.
Features
n
Ideal for low power/low noise 3.3V applications
n
Guaranteed simultaneous switching noise level and
dynamic threshold performance
n
Guaranteed pin-to-pin skew AC performance
n
Guaranteed incident wave switching into 75
Ordering Code:
Order Number
Package Number
Package Description
74LVQ32SC
M14A
14-Lead (0.150" Wide) Molded Small Outline Integrated Circuit, SOIC JEDEC
74LVQ32SJ
M14D
14-Lead Molded Small Outline Package, SOIC EIAJ
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Connection Diagram
Pin Descriptions
Pin Names
Description
A
n,Bn
Inputs
O
n
Outputs
IEEE/IEC
DS011346-1
Pin Assignment
for SOIC JEDEC and EIAJ
DS011346-2
May 1998
© 1998 Fairchild Semiconductor Corporation
DS011346
www.fairchildsemi.com


同様の部品番号 - 74LVQ32

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
Fairchild Semiconductor
74LVQ32 FAIRCHILD-74LVQ32 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input OR Gate
logo
STMicroelectronics
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
226Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE
74LVQ32M STMICROELECTRONICS-74LVQ32M Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
74LVQ32MTR STMICROELECTRONICS-74LVQ32MTR Datasheet
226Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE
More results

同様の説明 - 74LVQ32

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVX32 FAIRCHILD-74LVX32_08 Datasheet
305Kb / 8P
   Low Voltage Quad 2-Input OR Gate
74LVQ32 FAIRCHILD-74LVQ32_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input OR Gate
logo
ON Semiconductor
74LVX32 ONSEMI-74LVX32 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input OR Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX32 FAIRCHILD-74LVX32 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input OR Gate
logo
Motorola, Inc
MC74LVQ32 MOTOROLA-MC74LVQ32 Datasheet
183Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
logo
Fairchild Semiconductor
74LVX86 FAIRCHILD-74LVX86_08 Datasheet
306Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
74LVX86 ONSEMI-74LVX86 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX86 FAIRCHILD-74LVX86 Datasheet
62Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
MC74LCX32 ONSEMI-MC74LCX32 Datasheet
134Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
1996 REV 1
MC74LCX32 ONSEMI-MC74LCX32_12 Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input OR Gate
October, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com