データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD3182 データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 FOD3182
部品情報  3A Output Current, High Speed MOSFET Gate Driver Optocoupler
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3182 データシート(HTML) 7 Page - Fairchild Semiconductor

Back Button FOD3182 Datasheet HTML 3Page - Fairchild Semiconductor FOD3182 Datasheet HTML 4Page - Fairchild Semiconductor FOD3182 Datasheet HTML 5Page - Fairchild Semiconductor FOD3182 Datasheet HTML 6Page - Fairchild Semiconductor FOD3182 Datasheet HTML 7Page - Fairchild Semiconductor FOD3182 Datasheet HTML 8Page - Fairchild Semiconductor FOD3182 Datasheet HTML 9Page - Fairchild Semiconductor FOD3182 Datasheet HTML 10Page - Fairchild Semiconductor FOD3182 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3182 Rev. 1.0.9
7
Notes:
1.
Derate linearly above +79°C free air temperature at a rate of 0.37mA/°C.
2.
Maximum pulse width = 10µs, maximum duty cycle = 11%.
3
Derate linearly above +79°C, free air temperature at the rate of 5.73mW/°C.
4.
No derating required across operating temperature range.
5.
In this test, VOH is measured with a dc load current of 100mA. When driving capacitive load VOH will approach VDD
as IOH approaches zero amps.
6.
Maximum pulse width = 1ms, maximum duty cycle = 20%.
7.
tPHL propagation delay is measured from the 50% level on the falling edge of the input pulse to the 50% level of the
falling edge of the VO signal. tPLH propagation delay is measured from the 50% level on the rising edge of the input
pulse to the 50% level of the rising edge of the VO signal.
8.
PWD is defined as | tPHL – tPLH | for any given device.
8.
The difference between tPHL and tPLH between any two FOD3182 parts under same operating conditions, with
equal loads.
10. Pin 1 and 4 need to be connected to LED common.
11. Common mode transient immunity in the high state is the maximum tolerable dVCM/dt of the common mode pulse
VCM to assure that the output will remain in the high state (i.e. VO > 15V).
12. Common mode transient immunity in a low state is the maximum tolerable dVCM/dt of the common mode pulse,
VCM, to assure that the output will remain in a low state (i.e. VO < 1.0V).
13. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage > 6000Vrms,
60Hz for 1 second (leakage detection current limit II-O < 10µA).
14. Device considered a two-terminal device: pins on input side shorted together and pins on output side shorted
together.


同様の部品番号 - FOD3182

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3182S ONSEMI-FOD3182S Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3182SD ONSEMI-FOD3182SD Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3182SDV ONSEMI-FOD3182SDV Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3182SV ONSEMI-FOD3182SV Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
More results

同様の説明 - FOD3182

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Fairchild Semiconductor
FOD3181 FAIRCHILD-FOD3181 Datasheet
745Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3181 FAIRCHILD-FOD3181_08 Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com