データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD3182SDV データシート(PDF) 10 Page - Fairchild Semiconductor

部品番号 FOD3182SDV
部品情報  3A Output Current, High Speed MOSFET Gate Driver Optocoupler
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3182SDV データシート(HTML) 10 Page - Fairchild Semiconductor

Back Button FOD3182SDV Datasheet HTML 6Page - Fairchild Semiconductor FOD3182SDV Datasheet HTML 7Page - Fairchild Semiconductor FOD3182SDV Datasheet HTML 8Page - Fairchild Semiconductor FOD3182SDV Datasheet HTML 9Page - Fairchild Semiconductor FOD3182SDV Datasheet HTML 10Page - Fairchild Semiconductor FOD3182SDV Datasheet HTML 11Page - Fairchild Semiconductor FOD3182SDV Datasheet HTML 12Page - Fairchild Semiconductor FOD3182SDV Datasheet HTML 13Page - Fairchild Semiconductor FOD3182SDV Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3182 Rev. 1.0.9
10
Typical Performance Curves (Continued)
Fig. 14 Propagation Delay vs. Ambient Temperature
-40
-20
0
20
40
60
80
100
450
350
250
150
50
TA – AMBIENT TEMPERATURE (°C)
I
F = 10mA to 16mA
V
DD = 15V to 30V
R
G = 10Ω
C
G = 10nF
Duty Cycle = 50%
Frequency = 250kHz
Fig. 13 Propagation Delay vs. LED Forward Current
68
10
12
14
18
250
200
150
100
50
IF – FORWARD LED CURRENT (mA)
V
DD = 15V to 30V
T
A = 25°C
R
G = 10Ω
C
G = 10nF
Duty Cycle = 50%
Frequency = 250kHz
t
PHL
t
PLH
Fig. 15 Propagation Delay vs. Series Load Resistance
010
20
30
40
50
450
350
250
150
50
RG – SERIES LOAD RESISTANCE (Ω)
I
F = 10mA to 16mA
V
DD = 15V to 30V
C
G = 10nF
Duty Cycle = 50%
Frequency = 250kHz
t
PHL
t
PLH
Fig. 16 Propagation Delay vs. Series Load Capacitance
020
40
6080
100
450
350
250
150
50
100
10
1
0.1
0.01
0.001
CG – SERIES LOAD CAPACITANCE (nF)
Fig. 18 Input Forward Current vs. Forward Voltage
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VR – FORWARE VOLTAGE (V)
I
F = 10mA to 16mA
V
DD = 15V to 30V
R
G = 10Ω
Duty Cycle = 50%
Frequency = 250kHz
t
PHL
t
PLH
t
PHL
t
PLH
Fig. 17 Transfer Characteristics
01
2
3
4
5
35
30
25
20
15
10
5
0
IF – FORWARD LED CURRENT (mA)
V
DD = 30V
T
A = 25°C
T
A =100°C
25°C
-40°C


同様の部品番号 - FOD3182SDV

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FOD3182SDV ONSEMI-FOD3182SDV Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
More results

同様の説明 - FOD3182SDV

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Fairchild Semiconductor
FOD3181 FAIRCHILD-FOD3181 Datasheet
745Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3181 FAIRCHILD-FOD3181_08 Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com