データシートサーチシステム |
|
3-1393302-6 データシート(PDF) 6 Page - Tyco Electronics |
|
3-1393302-6 データシート(HTML) 6 Page - Tyco Electronics |
6 / 6 page Plug-In Relays Mini ISO Relays Power Relay F4 / VF4 Please observe the disclaimer. 37 Catalog 1308028 Revision 03-06 Revision 03-05 Coil Must Must Coil data Rated coil resistance operate release Allowable overdrive 1) for Power Relay F4/ VF4 voltage +/- 10% voltage voltage voltage (V) (V) (Ω) (V) (V) at 23 °C at 85 °C VF4-**D**-** 6 22 3.6 0.6 11 8 VF4-**F**-** 12 90 7.2 1.2 22 17 V23134-**052-**** 12 90 7.2 1.6 22 17 VF4-**H**-** 24 360 14.4 2.4 44 35 V23134-**053-**** 24 324 14.4 3.2 41 32 V23134-**056-**** 24 268 16.0 4.0 38 29 V23134-**064-**** 24 360 14.4 2.4 44 35 1) Allowable overdrive is stated with no load applied and minimum coil resistance. Coil versions Standard delivery packs (orders in multiples of delivery pack) Power Relay F4 Quick connect verson: 315 pieces Quick connect with bracket: 200 pieces PCB version: 200 pieces VF4-1, VF4-4 300 pieces VF4-2, VF4-3 165 pieces VF4-5, VF4-6 110 pieces Ordering information Part numbers for Power Relay F4/VF4 (see table below for coil data) Contact Contact Enclosure Special Relay part number Internal reference Tyco order number arrangement material features 24 V Plug-In Relays V23134-A0053-C643 5-1393302-1 1 Form C AgNi0.15 Dust cover V23134-A0056-X432 1-1414167-0 1 Form C AgSnO2 Dust cover Contact gap > 0.8mm, diode (cathode at 86) V23134-A0056-X433 1-1414168-0 1 Form C AgSnO2 Dust cover Contact gap > 0.8mm, resistor 1.2 kΩ VF4-15H11-C05 V23134-A0064-X816 5-1393305-3 1 Form C AgNi0.15 Sealed Resistor 2.7 kΩ V23134-A1053-C643 6-1393302-3 1 Form C AgNi0.15 Dust cover Bracket VF4-45H11-C05 V23134-A1064-X829 1432219-1 1 Form C AgNi0.15 Sealed Bracket, resistor 2.7 kΩ VF4-15H11-S05 V23134-A1064-X830 8-1393305-4 1 Form C AgNi0.15 Dust cover Bracket, diode (cathode at 86) V23134-B0053-C642 1393303-9 1 Form A AgNi0.15 Dust cover V23134-B1053-C642 3-1393303-7 1 Form A AgNi0.15 Dust cover Bracket V23134-C0053-C642 4-1393303-4 1 Form A (2 pins 87) AgNi0.15 Dust cover V23134-C1053-C642 5-1393303-0 1 Form A (2 pins 87) AgNi0.15 Dust cover Bracket V23134-M0053-C642 6-1393304-7 1 Form U AgNi0.15 Dust cover V23134-M1053-C642 7-1393304-4 1 Form U AgNi0.15 Dust cover Bracket VF4-41H11 V23134-B1064-X825 7-1393305-0 1 Form A AgNi0.15 Dust cover Bracket VF4-41H11-S08 V23134-A1064-X831 7-1393305-1 1 Form A AgNi0.15 Dust cover Bracket, resistor 2.7 kΩ 24 V PCB Relays V23134-A0053-G243 5-1393302-2 1 Form C AgNi0.15 Dust cover VF4-15H13-C01 V23134-A0064-X820 5-1393305-9 1 Form C AgNi0.15 Sealed V23134-B0053-G242 1-1393303-0 1 Form A AgNi0.15 Dust cover V23134-C0053-G242 4-1393303-5 1 Form A (2 pins 87) AgNi0.15 Dust cover V23134-M0053-G242 6-1393304-8 1 Form U AgNi0.15 Dust cover VF4-11H13 V23134-B0064-X804 2-1393305-6 1 Form A AgNi0.15 Dust cover VF4-15H13 V23134-A0064-X819 0-1393302-8 1 Form C AgNi0.15 Dust cover |
同様の部品番号 - 3-1393302-6 |
|
同様の説明 - 3-1393302-6 |