データシートサーチシステム |
|
74LVTH16374 データシート(PDF) 2 Page - Fairchild Semiconductor |
|
74LVTH16374 データシート(HTML) 2 Page - Fairchild Semiconductor |
2 / 8 page www.fairchildsemi.com 2 Connection Diagrams Pin Assignment for SSOP and TSSOP Pin Assignment for FBGA (Top Thru View) Pin Descriptions FBGA Pin Assignments Truth Tables H HIGH Voltage Level L LOW Voltage Level X Immaterial Z HIGH Impedance Oo Previous Oo before HIGH to LOW of CP Functional Description The LVT16374 and LVTH16374 consist of sixteen edge-triggered flip-flops with individual D-type inputs and 3-STATE true outputs. The device is byte controlled with each byte functioning identically, but independent of the other. The control pins can be shorted together to obtain full 16-bit operation. Each byte has a buffered clock and buffered Output Enable common to all flip-flops within that byte. The description which follows applies to each byte. Each flip-flop will store the state of their individual D-type inputs that meet the setup and hold time requirements on the LOW-to-HIGH Clock (CPn) transition. With the Output Enable (OEn) LOW, the contents of the flip-flops are avail- able at the outputs. When OEn is HIGH, the outputs go to the high impedance state. Operation of the OEn input does not affect the state of the flip-flops. Pin Names Description OEn Output Enable Input (Active LOW) CPn Clock Pulse Input I0–I15 Inputs O0–O15 3-STATE Outputs NC No Connect 1 234 56 A O0 NC OE1 CP1 NC I0 B O2 O1 NC NC I1 I2 C O4 O3 VCC VCC I3 I4 D O6 O5 GND GND I5 I6 E O8 O7 GND GND I7 I8 F O10 O9 GND GND I9 I10 G O12 O11 VCC VCC I11 I12 H O14 O13 NC NC I13 I14 J O15 NC OE2 CP2 NC I15 Inputs Outputs CP1 OE1 I0–I7 O0–O7 LH H LL L LL X Oo XH X Z Inputs Outputs CP2 OE2 I8–I15 O8–O15 LH H LL L LL X Oo XH X Z |
同様の部品番号 - 74LVTH16374 |
|
同様の説明 - 74LVTH16374 |