データシートサーチシステム |
|
SMAJ78A データシート(PDF) 3 Page - Littelfuse |
|
SMAJ78A データシート(HTML) 3 Page - Littelfuse |
3 / 5 page Revision: November 17, 2011, 16:25 ©2011 Littelfuse, Inc. Specifications are subject to change without notice. Transient Voltage Suppression Diodes 3 SMAJ Series Surface Mount – 400W > SMAJ series Please refer to http://www.Littelfuse.com/series/SMAJ.html for current information. Ratings and Characteristic Curves (T A=25°C unless otherwise noted) 0 20 40 60 80 100 0255075100 125150 175 T A-Ambient temperature (ºC) 1 10 100 1000 10000 1.0 10.0100.01000.0 Tj=25ºC f=1.0MHz Vsig=50mVp-p Uni-directional V=0V Bi-directional V=0V Uni-directional @V R Bi-directional @V R V BR - Reverse Breakdown Voltage (V) 0.1 1 10 0.0000010.000010.0001 0.001 t d-Pulse Width (sec.) 0.2x0.2" (5.0x5.0mm) Copper Pad Area Figure 1 - Peak Pulse Power Rating Curve Figure 2 - Pulse Derating Curve 0 0 50 100 150 1.0 2.0 3.0 4.0 tr=10µsec Peak Value IPPM IPPM 2 TJ=25°C Pulse Width(td) is defined as the point where the peak current decays to 50% of IPPM 10/1000µsec. Waveform as defined by R.E.A td t-Time (ms) Half Value IPPM ( ) Figure 3 - Pulse Waveform Figure 4 - Typical Junction Capacitance 0255075 100 125 150 175 T A - Ambient Temperature (ºC) bargaining 3.0 0.6 1.2 1.8 3.6 2.4 0 Figure 5 - Steady State Power Dissipation Derating Curve 0 5 10 15 20 25 30 35 40 45 110 100 Number of Cycles at 60 Hz Figure 6 - Maximum Non-Repetitive Forward Surge Current Uni-Directional Only |
同様の部品番号 - SMAJ78A |
|
同様の説明 - SMAJ78A |