データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVT574MTC データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 74LVT574MTC
部品情報  Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT574MTC データシート(HTML) 1 Page - Fairchild Semiconductor

  74LVT574MTC Datasheet HTML 1Page - Fairchild Semiconductor 74LVT574MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LVT574MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LVT574MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LVT574MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LVT574MTC Datasheet HTML 6Page - Fairchild Semiconductor 74LVT574MTC Datasheet HTML 7Page - Fairchild Semiconductor 74LVT574MTC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS012451
www.fairchildsemi.com
March 1999
Revised March 2005
74LVT574 • 74LVTH574
Low Voltage Octal D-Type Flip-Flop
with 3-STATE Outputs
General Description
The LVT574 and LVTH574 are high-speed, low-power
octal D-type flip-flop featuring separate D-type inputs for
each flip-flop and 3-STATE outputs for bus-oriented appli-
cations. A buffered Clock (CP) and Output Enable (OE) are
common to all flip-flops.
The LVTH574 data inputs include bushold, eliminating the
need for external pull-up resistors to hold unused inputs.
These octal flip-flops are designed for low-voltage (3.3V)
VCC applications, but with the capability to provide a TTL
interface to a 5V environment. The LVT574 and LVTH574
are fabricated with an advanced BiCMOS technology to
achieve high speed operation similar to 5V ABT while
maintaining a low power dissipation.
Features
s Input and output interface capability to systems at
5V VCC
s Bushold data inputs eliminate the need for external
pull-up resistors to hold unused inputs (74LVTH574),
also available without bushold feature (74LVT574)
s Live insertion/extraction permitted
s Power Up/Down high impedance provides glitch-free
bus loading
s Outputs source/sink
32 mA/64 mA
s Functionally compatible with the 74 series 574
s Latch-up performance exceeds 500 mA
s ESD performance:
Human-body model
! 2000V
Machine model
! 200V
Charged-device model
! 1000V
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Order Number
Package
Package Description
Number
74LVT574WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVT574SJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVT574MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74LVT574MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74LVT574MTCX_NL
(Note 1)
MTC20
Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74LVTH574WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVTH574SJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVTH574MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74LVTH574MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74LVTH574MTCX_NL
(Note 1)
MTC20
Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide


同様の部品番号 - 74LVT574MTC

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74LVT574MTC ONSEMI-74LVT574MTC Datasheet
341Kb / 13P
   Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVT574MTC FAIRCHILD-74LVT574MTC_08 Datasheet
349Kb / 11P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results

同様の説明 - 74LVT574MTC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVT374 FAIRCHILD-74LVT374 Datasheet
69Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
81Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574 Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574_08 Datasheet
349Kb / 11P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT374 FAIRCHILD-74LVT374_08 Datasheet
314Kb / 10P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574_05 Datasheet
94Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
93Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVQ374 FAIRCHILD-74LVQ374 Datasheet
103Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVTH374 ONSEMI-74LVTH374 Datasheet
306Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVQ374 FAIRCHILD-74LVQ374_01 Datasheet
74Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com