データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ18 データシート(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

部品番号 SMAJ18
部品情報  400 Watts Suface Mount Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMAJ18 データシート(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  SMAJ18 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMAJ18 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMAJ18 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMAJ18 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMAJ18 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMAJ18 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMAJ18 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Symbol
A
B
C
D
E
Min
Max
Min
Max
A
1.27
1.58
0.050
0.062
B
2.29
2.83
0.090
0.111
C
4.06
4.60
0.160
0.181
D
1.99
2.50
0.078
0.098
E
0.90
1.41
0.035
0.056
F
0.15
0.31
0.006
0.012
G
0.10
0.20
0.004
0.008
H
4.95
5.33
0.195
0.210
P/N =
Specific Device Code
G =
Green Compound
YW =
Date Code
Unit(mm)
Unit(inch)
Marking Diagram
3.92
2.41
4.43
Suggested PAD Layout
Unit(mm)
1.78
1.51
Package Outline Dimensions
DIM.


同様の部品番号 - SMAJ18

メーカー部品番号データシート部品情報
logo
Jinan Gude Electronic D...
SMAJ18 JGD-SMAJ18 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Nantong Hornby Electron...
SMAJ18 HORNBY-SMAJ18 Datasheet
334Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
SMAJ18 SOCAY-SMAJ18 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
RFE international
SMAJ18 RFE-SMAJ18 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 5.0 to 30 Volts
logo
Vishay Siliconix
SMAJ18 VISHAY-SMAJ18 Datasheet
100Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 29-Oct-08
More results

同様の説明 - SMAJ18

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
SMAJ TSC-SMAJ_11 Datasheet
151Kb / 5P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
   600 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
   600 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_1 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SLCA5.0 SUNMATE-SLCA5.0 Datasheet
185Kb / 2P
   400 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com