データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ18A データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 SMAJ18A
部品情報  400 Watts Suface Mount Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMAJ18A データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SMAJ18A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMAJ18A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMAJ18A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMAJ18A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMAJ18A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMAJ18A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMAJ18A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Version:I13
RATINGS AND CHARACTERISTIC CURVES (SMAJ SERIES)
0
25
50
75
100
125
0
25
50
75
100
125
150
175
200
T
A, AMBIENT TEMPERATURE (
oC)
FIG.2 PULSE DERATING CURVE
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 4 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT UNIDIRECTIONAL ONLY
8.3mS Single Half Sine Wave
JEDEC Method
0
20
40
60
80
100
120
140
0
0.5
1
1.522.533.5
4
t, TIME ms
FIG. 3 CLAMPING POWER PULSE WAVEFORM
td
Peak Value
IPPM
tr=10usec
Half Value-IPPM/2
10/1000usec, WAVEFORM
as DEFINED by R.E.A.
PULSE WIDTH(td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% OF IPPM
10
100
1000
10000
1
10
100
V(
BR), BREAKDOWN VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
TA=25℃
f=1.0MHz
Vsig=50mVp-p
MEASURED AT
ZERO BIAS
MEASURED at
STAND-OFF
VOLTAGE,Vwm
0.1
1
10
100
0.1
1
10
100
1000
10000
tp, PULSE WIDTH, (uS)
FIG. 1 PEAK PULSE POWER RATING CURVE
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3
TA = 25℃


同様の部品番号 - SMAJ18A

メーカー部品番号データシート部品情報
logo
Jinan Gude Electronic D...
SMAJ18A JGD-SMAJ18A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Cystech Electonics Corp...
SMAJ18A CYSTEKEC-SMAJ18A Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
logo
SAMYANG ELECTRONICS CO....
SMAJ18A SAMYANG-SMAJ18A Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SMAJ18A LUGUANG-SMAJ18A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
Jiangsu High diode Semi...
SMAJ18A HDSEMI-SMAJ18A Datasheet
1Mb / 7P
   SMAK Plastic-Encapsulate Diodes
More results

同様の説明 - SMAJ18A

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
SMAJ TSC-SMAJ_11 Datasheet
151Kb / 5P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
   600 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
   600 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_1 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SLCA5.0 SUNMATE-SLCA5.0 Datasheet
185Kb / 2P
   400 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com