データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVTH16543 データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 74LVTH16543
部品情報  Low Voltage 16-Bit Registered Transceiver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH16543 データシート(HTML) 6 Page - Fairchild Semiconductor

  74LVTH16543 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH16543 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH16543 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH16543 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH16543 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH16543 Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH16543 Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH16543 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Capacitance (Note 10)
Note 10: Capacitance is measured at frequency f
= 1 MHz, per MIL-STD-883B, Method 3012.
Symbol
Parameter
TA = −40°C to +85°C
Units
CL = 50 pF, RL = 500 Ω
VCC = 3.3 ± 0.3V
VCC = 2.7V
MinMax
MinMax
tPLH
Propagation Delay
1.2
4.2
1.2
4.5
ns
tPHL
Data to Outputs
1.2
4.4
1.2
4.9
tPLH
Propagation Delay
1.3
4.7
1.3
5.5
ns
tPHL
LE to A or B
1.3
5.1
1.3
5.8
tPZH
Output Enable Time
1.3
4.7
1.3
5.4
ns
tPZL
OE to A or B
1.3
5.1
1.3
6.1
tPHZ
Output Disable Time
2.0
5.5
2.0
5.7
ns
tPLZ
OE to A or B
2.0
4.9
2.0
4.9
tPZH
Output Enable Time
1.3
4.6
1.3
5.6
ns
tPZL
CE to A or B
1.3
5.0
1.3
6.1
tPHZ
Output Disable Time
2.0
5.5
2.0
5.8
ns
tPLZ
CE to A or B
2.0
4.9
2.0
4.9
tW
Pulse Duration
LE LOW
3.3
3.3
ns
tS
Setup Time
A or B before LE, Data HIGH
0.5
0.5
ns
A or B before LE, Data LOW
0.8
1.3
A or B before CE, Data HIGH
0.5
0.0
A or B before CE, Data LOW
0.6
1.1
tH
Hold Time
A or B after LE, Data HIGH
1.5
0.7
ns
A or B after LE, Data LOW
1.2
1.3
A or B after CE, Data HIGH
1.7
0.9
A or B after CE, Data LOW
1.6
1.8
tOSLH
Output to Output Skew (Note 9)
1.0
1.0
ns
tOSHL
1.0
1.0
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = OPEN, VI = 0V or VCC
4pF
CI/O
Input/Output Capacitance
VCC = 3.0V, VO = 0V or VCC
8pF


同様の部品番号 - 74LVTH16543

メーカー部品番号データシート部品情報
logo
Texas Instruments
74LVTH16543DGGRE4 TI-74LVTH16543DGGRE4 Datasheet
138Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH16543DGGRE4 TI-74LVTH16543DGGRE4 Datasheet
216Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH16543DLRG4 TI-74LVTH16543DLRG4 Datasheet
138Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH16543DLRG4 TI-74LVTH16543DLRG4 Datasheet
216Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

同様の説明 - 74LVTH16543

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVTH16952 FAIRCHILD-74LVTH16952 Datasheet
75Kb / 8P
   Low Voltage 16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A_08 Datasheet
494Kb / 18P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com