データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS2023CX5RFG データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS2023CX5RFG
部品情報  1A Single Channel USB Power Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2023CX5RFG データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2023CX5RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2023CX5RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2023CX5RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2023CX5RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2023CX5RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2023CX5RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2023CX5RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2023CX5RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS2023
1A Single Channel USB Power Switch
1/8
Version: A11
SOT-25
General Description
The TS2023 is integrated 85m
high-side power switch for self-powered and bus-powered Universal Serial Bus
(USB) applications. This switch operates with input ranging from 3.2V to 6.5V, making it ideal for 5V system.
The protection includes current limiting with foldback, short circuit and thermal shutdown. The TS2023 is ideal for
any system where current limiting and power control are desired. The TS2023 has low quiescent current and
small package, which is particularly suitable in battery powered portable application. Guaranteed minimum
output rise time limits inrush current during hot plug-in as well as minimizing EMI and prevents the voltage at
upstream port from dropping excessively.
Features
85m
High-Side MOSFET Switch
1A Continuous Load Current
40uA Quiescent Supply Current
1uA Maximum Shutdown Supply Current
3.2V to 6.5V Input Voltage Range
Open-Drain Over-Current Flag Output
Under-Voltage Lockout
Current-Limit / Short Circuit Protection
Thermal Shutdown Protection under Over
Current Condition
Under Voltage Lockout Ensures that Switch is off
at Start Up
Soft Start prevents large Inrush Current.
No Reverse Current when Power off.
Enable Active-Low
Ordering Information
Note: “G” denote for Halogen Free Product
Part No.
Package
Packing
TS2023CX5 RFG
SOT-25
3Kpcs / 7” Reel
Applications
USB Power Management
High-Side Power Protection Switch
Hot Plug-In Power Supplies
Battery-Charger Circuits
Portable Application
Digital Television
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
VIN Pin Voltage
VIN
7
V
CTL Input Voltage
VCTL
-0.3 ~ 7
V
Operating Temperature Range
TOP
-40 to +85
°C
Junction Temperature
TJ
+125
°C
Power Dissipation
PD
350
mW
Storage Temperature Range
TSTG
-65 to +150
°C
Thermal Resistance from Junction to case
θJC
115
°C/W
Thermal Resistance from Junction to ambient
θJA
250
°C/W
Note: Absolute maximum rating are those values beyond which the life of a device may be impaired
Pin Definition:
1. CTL
2. Ground
3. FLG
4. Input
5. Output


同様の部品番号 - TS2023CX5RFG

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
TS2023C BOTHHAND-TS2023C Datasheet
201Kb / 1P
   ISOLATION TRANSFORMER FOR 10 BASE-T
More results

同様の説明 - TS2023CX5RFG

メーカー部品番号データシート部品情報
logo
Analog Intergrations Co...
AIC6163 AIC-AIC6163 Datasheet
186Kb / 9P
   1A Single Channel USB Switch
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
AAT4625 ANALOGICTECH-AAT4625 Datasheet
395Kb / 8P
   USB Single-Channel Power Switch
logo
Advanced Analog Technol...
AAT4625 AAT-AAT4625 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
logo
Diodes Incorporated
AP2161WG-7 DIODES-AP2161WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2161A DIODES-AP2161A Datasheet
1Mb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
March 2015
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
   0.5A Single Channel USB Power Switch
TS2024 TSC-TS2024 Datasheet
395Kb / 8P
   1.5A Single Channel USB Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com