データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS9013 データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS9013
部品情報  500mA Low Quiescent Current CMOS LDO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9013 データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS9013_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9013_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9013_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9013_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9013_13 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS9013
500mA Low Quiescent Current CMOS LDO
2/5
Version: F11
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
12
V
Recommend Operating Input Voltage
VIN
10
V
Output Current
Io
500
mA
Power Dissipation (without heat sink)
SOT-89
PD
0.5
W
SOT-223
0.7
Operating Junction Temperature Range
Tj
-40 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
Notes: Stress above the listed absolute rating may cause permanent damage to the device.
Electrical Characteristics (Ta = 25
oC unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
VIN=Vo + 1V,
Io =1mA,
TS90135
4.90
5.0
5.10
V
TS9013S
3.23
3.3
3.36
TS9013K
2.45
2.5
2.55
TS9013D
1.76
1.8
1.83
VIN=Vo + 1V,
Io =1mA ~ 500mA
TS90135
4.85
5.0
5.10
V
TS9013S
3.20
3.3
3.36
TS9013K
2.42
2.5
2.55
TS9013D
1.74
1.8
1.83
Maximum Output Current
VIN=Vo+1V,
500
--
--
mA
Input Stability
VO+1V
≤ Vin ≤ V
O+2V, Io=1mA
--
0.2
0.3
%
Load Regulation (Note1)
VIN=Vo+1V,
1mA
≤ IL ≤ 500mA
TS90135
--
40
80
mV
TS9013S
VIN=Vo+1V,
1mA
≤ IL ≤ 500mA
TS9013K
--
40
90
TS9013D
Dropout Voltage (Note 2)
Io=300mA
TS90135
--
300
500
mV
TS9013S
Io=500mA
TS90135
--
500
600
TS9013S
Io=500mA
TS9013K
--
600
850
TS9013D
Quiescent Current
VIN=Vo+1V, Io=0A
--
15
25
uA
Output Current Limit
VOUT < 0.4V
550
--
--
mA
Power Supply Rejection
Ratio
At f=100KHz, Io=10mA
--
30
--
dB
Output Voltage Temperature
Coefficient (Note 3)
--
100
--
ppm/
oC
Notes:
a. Regulation is measured at constant junction temperature, using pulsed ON time.
b. Dropout is measured at constant junction temperature, using pulsed ON time, and the criterion is VOUT inside
target value +/-3%.


同様の部品番号 - TS9013_13

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_14 Datasheet
107Kb / 5P
   500mA Low Quiescent Current CMOS LDO
More results

同様の説明 - TS9013_13

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_14 Datasheet
107Kb / 5P
   500mA Low Quiescent Current CMOS LDO
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
logo
Diodes Incorporated
AP2138 DIODES-AP2138 Datasheet
780Kb / 29P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com