データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS34118CS28C8 データシート(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS34118CS28C8
部品情報  Voice Switched Speakerphone Circuit Chip disable for active/standby operation
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34118CS28C8 データシート(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

Back Button TS34118CS28C8 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34118CS28C8 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34118CS28C8 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34118CS28C8 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34118CS28C8 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34118CS28C8 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34118CS28C8 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS34118CS28C8 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS34118CS28C8 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TS34118
Voice Switched Speakerphone Circuit
7/21
Version: A13
Application Information
The fundamental difference between the operation of a speakerphone and a handset is that of half-duplex versus
full duplex. The handset is full duplex since con-version can occur in both directions (transmit and receive)
simultaneously. A speakerphone has higher gain levels in both paths and attempting to converse full duplex results
in oscillatory problems due to the loop that exists within the system. The loop is formed by the receive and transmit
paths, the hybrid, and the acoustic coupling (speaker to microphone). The only practical and economical solution
used to data is to design the speakerphone to function in a half duplex mode – i.e. only one person speaks at a
time, while the other listens. To achieve this required a circuit which can detect who is talking, switch on the
appropriate path (transmit or receive) and switch off (attenuate) the other path. In this way, the loop gain is
maintained less than unity. When the talkers exchange function, the circuit must quickly detect this, and switch the
circuit appropriately. By providing speech level detectors the circuit operates in a “hands free” mode, eliminating
the need for a “push to talk” switch.
The handset by the way, has the same loop as the speakerphone. But since the gains are considerably lower, and
since the acoustic compiling from the earpiece to the mouthpiece is almost non existent (the receiver is normally
held against a person’s eat.) oscillations don’t occur.
The TS341118 provides the necessary level detectors, attenuators, and switching control for a properly operating
speakerphone. The detection sensitivity and timing are externally controllable. Additionally, the TS34118 provides
background nodule monitor’s which make the circuit insensitive to room and line noise, hybrid amplifier, and other
associated functions, please refer to the Block Diagram (Figure 2) when reading the following sections.
Attenuators
The transmit and receive attenuators are complementary in function. i .e. when one is at maximum gain (+6.0dB),
the other is at maximum attenuation (-4.5dB), and vice verse. They sum of their gains remains constant (within a
nominal error hand of ±0.1dB) at a typical value of ~40dB (see Figure 10). Their purpose is to control the transmit
and receive paths to provide the half-duplex operation required in a speakerphone.
The attenuators are non-inverting, and have a –3.0dB (from max gain) frequency of 100KHz. The input impedance
of each attenuator (TXI and RXI) is nominally 10K
ς (see Figure 3), and the input signal should be limited to
350mVrms (990mVp-p) to prevent distortion. That maximum recommended input signal is independent of the
volume control setting. The diode clamp on the inputs the input swing, and therefore the maximum negative output
swing. This is the reason for VRXOL and VTXOL specification being defined as they are in the Electrical
Characteristics. The output impedance is 10
ς until the output current limit typically 2.5mA) is reached.
Figure 3. Attenuator Input Stage


同様の部品番号 - TS34118CS28C8

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS34118CS28C8 TSC-TS34118CS28C8 Datasheet
989Kb / 23P
   Voice Switched Speakerphone Circuit
More results

同様の説明 - TS34118CS28C8

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_1 Datasheet
989Kb / 23P
   Voice Switched Speakerphone Circuit
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
logo
Integral Corp.
IL34118 INTEGRAL-IL34118 Datasheet
632Kb / 12P
   Voice Switched Speakerphone Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com