データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVX04M データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 74LVX04M
部品情報  Low Voltage Hex Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX04M データシート(HTML) 1 Page - Fairchild Semiconductor

  74LVX04M Datasheet HTML 1Page - Fairchild Semiconductor 74LVX04M Datasheet HTML 2Page - Fairchild Semiconductor 74LVX04M Datasheet HTML 3Page - Fairchild Semiconductor 74LVX04M Datasheet HTML 4Page - Fairchild Semiconductor 74LVX04M Datasheet HTML 5Page - Fairchild Semiconductor 74LVX04M Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011601
www.fairchildsemi.com
May 1993
Revised February 2005
74LVX04
Low Voltage Hex Inverter
General Description
The LVX04 contains six inverters. The inputs tolerate volt-
ages up to 7V allowing the interface of 5V systems to 3V
systems.
Features
s Input voltage level translation from 5V to 3V
s Ideal for low power/low noise 3.3V applications
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
Ordering Code
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
Order Number
Package
Package Description
Number
74LVX04M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LVX04SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVX04MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74LVX04MTCX_NL
(Note 1)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
Pin Names
Description
An
Inputs
On
Outputs


同様の部品番号 - 74LVX04M

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74LVX04M STMICROELECTRONICS-74LVX04M Datasheet
161Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
July 2001
logo
ON Semiconductor
74LVX04M ONSEMI-74LVX04M Datasheet
223Kb / 8P
   Low Voltage Hex Inverter
February 2008 Rev. 1.4.0
74LVX04MTC ONSEMI-74LVX04MTC Datasheet
223Kb / 8P
   Low Voltage Hex Inverter
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX04MTC FAIRCHILD-74LVX04MTC_08 Datasheet
307Kb / 8P
   Low Voltage Hex Inverter
logo
STMicroelectronics
74LVX04MTR STMICROELECTRONICS-74LVX04MTR Datasheet
161Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
July 2001
More results

同様の説明 - 74LVX04M

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74LVX14 ONSEMI-74LVX14 Datasheet
218Kb / 9P
   Low Voltage Hex Inverter
February 2008 Rev. 1.5.0
74LVX04 ONSEMI-74LVX04 Datasheet
223Kb / 8P
   Low Voltage Hex Inverter
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVQ04 FAIRCHILD-74LVQ04 Datasheet
60Kb / 5P
   Low Voltage Hex Inverter
74LVX04 FAIRCHILD-74LVX04_08 Datasheet
307Kb / 8P
   Low Voltage Hex Inverter
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
logo
Motorola, Inc
MC74LCX04 MOTOROLA-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
MC74LVQ04 MOTOROLA-MC74LVQ04 Datasheet
176Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com