データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVX163M データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 74LVX163M
部品情報  Low Voltage Synchronous Binary Counter with Synchronous Clear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX163M データシート(HTML) 5 Page - Fairchild Semiconductor

  74LVX163M Datasheet HTML 1Page - Fairchild Semiconductor 74LVX163M Datasheet HTML 2Page - Fairchild Semiconductor 74LVX163M Datasheet HTML 3Page - Fairchild Semiconductor 74LVX163M Datasheet HTML 4Page - Fairchild Semiconductor 74LVX163M Datasheet HTML 5Page - Fairchild Semiconductor 74LVX163M Datasheet HTML 6Page - Fairchild Semiconductor 74LVX163M Datasheet HTML 7Page - Fairchild Semiconductor 74LVX163M Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Note 4: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation: ICC (opr) = CPD * VCC * fIN + ICC.
When the outputs drive a capacitive load, total current consumption is the sum of CPD, and ∆ICC which is obtained from the following formula:
CQ0–CQ3 and CTC are the capacitances at Q0–Q3 and TC, respectively. FCP is the input frequency of the CP.
Symbol
Parameter
VCC
(V)
TA = 25°CTA = −40°C to +85°C
Units
Conditions
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
2.7
9.0
14.0
1.0
16.0
ns
CL = 15 pF
tPHL
Time (CP–Qn)
11.3
17.0
1.0
19.0
CL = 50 pF
3.3
± 0.3
8.3
12.8
1.0
15.0
ns
CL = 15 pF
10.8
16.3
1.0
18.5
CL = 50 pF
tPLH
Propagation Delay
2.7
9.5
14.3
1.0
16.7
ns
CL = 15 pF
tPHL
Time (CP–TC, Count)
12.5
18.5
1.0
20.5
CL = 50 pF
3.3
± 0.3
8.7
13.6
1.0
16.0
ns
CL = 15 pF
11.2
17.1
1.0
19.5
CL = 50 pF
tPLH
Propagation Delay
2.7
11.4
18.0
1.0
21.0
ns
CL = 15 pF
tPHL
Time (CP–TC, Load)
14.0
21.0
1.0
24.0
CL = 50 pF
3.3
± 0.3
11.0
17.2
1.0
20.0
ns
CL = 15 pF
13.5
20.7
1.0
23.5
CL = 50 pF
tPLH
Propagation Delay
2.7
8.6
13.5
1.0
15.0
ns
CL = 15 pF
tPHL
Time (CET–TC)
11.0
16.5
1.0
18.5
CL = 50 pF
3.3
± 0.3
7.5
12.3
1.0
14.5
ns
CL = 15 pF
10.5
15.8
1.0
18.0
CL = 50 pF
fMAX
Maximum Clock
2.7
75
115
65
MHz
CL = 15 pF
Frequency
50
80
45
CL = 50 pF
3.3
± 0.3
80
130
70
MHz
CL = 15 pF
55
85
50
CL = 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC = Open
CPD
Power Dissipation Capacitance
23
pF
(Note 4)


同様の部品番号 - 74LVX163M

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74LVX163M NSC-74LVX163M Datasheet
138Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
74LVX163MTC NSC-74LVX163MTC Datasheet
138Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
74LVX163MTCX NSC-74LVX163MTCX Datasheet
138Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
74LVX163MX NSC-74LVX163MX Datasheet
138Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
More results

同様の説明 - 74LVX163M

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74LVX163 NSC-74LVX163 Datasheet
138Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Fairchild Semiconductor
74VHC163 FAIRCHILD-74VHC163 Datasheet
123Kb / 10P
   4-Bit Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74HC160 HITACHI-HD74HC160 Datasheet
90Kb / 16P
   Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Renesas Technology Corp
HD74LV161A RENESAS-HD74LV161A Datasheet
112Kb / 16P
   Synchronous 4-bit Binary Counter (Direct Clear)
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com