データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVX3245WM データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 74LVX3245WM
部品情報  8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX3245WM データシート(HTML) 1 Page - Fairchild Semiconductor

  74LVX3245WM Datasheet HTML 1Page - Fairchild Semiconductor 74LVX3245WM Datasheet HTML 2Page - Fairchild Semiconductor 74LVX3245WM Datasheet HTML 3Page - Fairchild Semiconductor 74LVX3245WM Datasheet HTML 4Page - Fairchild Semiconductor 74LVX3245WM Datasheet HTML 5Page - Fairchild Semiconductor 74LVX3245WM Datasheet HTML 6Page - Fairchild Semiconductor 74LVX3245WM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2003 Fairchild Semiconductor Corporation
DS011620
www.fairchildsemi.com
July 1993
Revised September 2003
74LVX3245
8-Bit Dual Supply Translating Transceiver with
3-STATE Outputs
General Description
The LVX3245 is a dual-supply, 8-bit translating transceiver
that is designed to interface between a 3V bus and a 5V
bus in a mixed 3V/5V supply environment. The Transmit/
Receive (T/R) input determines the direction of data flow.
Transmit (active-HIGH) enables data from A Ports to B
Ports; Receive (active-LOW) enables data from B Ports to
A Ports. The Output Enable input, when HIGH, disables
both A and B Ports by placing them in a high impedance
condition. The A Port interfaces with the 3V bus; the B Port
interfaces with the 5V bus.
The LVX3245 is suitable for mixed voltage applications
such as notebook computers using 3.3V CPU and 5V
peripheral components.
Features
s Bidirectional interface between 3V and 5V buses
s Inputs compatible with TTL level
s 3V data flow at A Port and 5V data flow at B Port
s Outputs source/sink 24 mA
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Implements proprietary EMI reduction circuitry
s Functionally compatible with the 74 series 245
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
Connection Diagram
Order Number
Package Number
Package Description
74LVX3245WM
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVX3245QSC
MQA24
24-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
74LVX3245MTC
MTC24
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
OE
Output Enable Input
T/R
Transmit/Receive Input
A0–A7
Side A Inputs or 3-STATE Outputs
B0–B7
Side B Inputs or 3-STATE Outputs


同様の部品番号 - 74LVX3245WM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVX3245WM FAIRCHILD-74LVX3245WM Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WM FAIRCHILD-74LVX3245WM Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WM FAIRCHILD-74LVX3245WM_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results

同様の説明 - 74LVX3245WM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54LVX4245 NSC-54LVX4245 Datasheet
118Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
74LVX4245 NSC-74LVX4245 Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX3245 NSC-54LVX3245 Datasheet
114Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX4245_993 NSC-54LVX4245_993 Datasheet
120Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
logo
Nexperia B.V. All right...
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com