データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3300 データシート(PDF) 1 Page - Touchstone Semiconductor Inc

部品番号 TS3300
部品情報  0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOUCHSTONE [Touchstone Semiconductor Inc]
ホームページ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3300 データシート(HTML) 1 Page - Touchstone Semiconductor Inc

  TS3300 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TS3300
Page 1
© 2013 Touchstone Semiconductor, Inc. All rights reserved.
FEATURES

Combines Low-power Boost + Low Dropout
Linear Regulator (LDO)

Boost Regulator
x
Input Voltage: 0.6V- 4.5V
x
Output Voltage: 1.8V- 5.25V
x
Efficiency: Up to 84%
x
No-Load Supply Current: 3.5µA
x
Delivers >100mA at 1.8VBO from 1.2VBI
x
Shutdown Control

Anti-Crush Capability
x
Prevents Input Voltage Collapse when
powered with Weak/High Impedance
power Sources

Single-Inductor, Discontinuous Conduction
Mode Scheme with Automatic Peak Current
Adjustment

LDO
x
Adjustable LDO Output Voltage: 1.8V- 5V
x
Dropout Voltage: 255mV @ 100mA

16-Pin, Low-Profile, Thermally-Enhanced
3mm x 3mm TQFN Package
APPLICATIONS
Coin Cell-Powered Portable Equipment
Single Cell Li-ion or Alkaline Powered Equipment
Solar or Mechanical Energy Harvesting
Wireless Microphones
Wireless Remote Sensors
RFID Tags
Blood Glucose Meters
Personal Health-Monitoring Devices
DESCRIPTION
The TS3300 is a 1st-generation Touchstone Semi
power
management
product
that
combines
a
high-efficiency boost regulator and a low dropout
linear regulator (LDO) in one package. The boost
regulator operates from a supply voltage as low as
0.6V and can deliver at least 75mA at 1.2VBI to 3VBO,
an industry first. The TS3300 LDO’s input is
connected to the output of the boost regulator,
serving as a post-regulator for the boost, enabling a
number of useful functions such as a buck-boost
function. In power harvesting or peak load buffering
applications, the LDO may post-regulate voltage
buffered in a large capacitor or supercapacitor at
boost’s output. Finally, the LDO may be operated
simply as an on/off load switch. The LDO can deliver
up to 100mA output current at a dropout voltage of
255mV and reduce the ripple voltage out of the boost
regulator by a factor of 3.
The TS3300’s boost section includes an anti-crush
TM
feature to prevent the collapse of the input voltage to
the boost regulator when the input is a weak (high
impedance) source. If the input voltage drops below a
determined voltage threshold (settable by a resistor
divider), the boost regulator switching cycles are
paused,
effectively
limiting
the
minimum
input
voltage. Anti-crush
TM is useful in applications where a
buffer capacitor at the boost’s output can service
burst loads, and the input source exhibits substantial
source impedance (such as with an old battery, or at
cold temperatures).
The TS3300 is fully specified over the -40°C to +85°C
temperature range and is available in a low-profile,
thermally-enhanced 16-pin 3x3mm TQFN package
with an exposed back-side paddle.
0.6-4.5VIN, 1.8-5.25VOUT, 3.5-µA, Low Input Voltage, High-Efficiency Boost + LDO
TYPICAL APPLICATION CIRCUIT
The Touchstone Semiconductor logo and “NanoWatt Analog” are registered trademarks of
Touchstone Semiconductor, Incorporated.
IBO - mA
0.1
10
0
Boost Regulator
Efficiency vs Load Current
0.01
1
20
10
100
30
40
1.2VBI to 1.8VBO
1.2VBI to 3VBO
60
50
70
80
90
100
L: LPS4018-103ML
0.6-4.5VIN, 1.8-5.25VOUT, 3.5uA, Low Input Voltage, High-Efficiency Boost + LDO


同様の部品番号 - TS3300

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS3300 SILABS-TS3300 Datasheet
1Mb / 12P
   High-Efficiency Boost Output Load Switch
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M008QFNR SEMTECH-TS33000-M008QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M012QFNR SEMTECH-TS33000-M012QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
More results

同様の説明 - TS3300

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS3300DB TOUCHSTONE-TS3300DB Datasheet
451Kb / 4P
   A 0.6-4.5VIN, 1.8-5.25VOUT, 3.5A, Low Input Voltage, High-Efficiency Boost LDO
logo
Renesas Technology Corp
ISL9111 RENESAS-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Intersil Corporation
ISL9111 INTERSIL-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Texas Instruments
TPS61322 TI1-TPS61322 Datasheet
341Kb / 9P
[Old version datasheet]   6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
TPS61322 TI1-TPS61322_18 Datasheet
1Mb / 29P
[Old version datasheet]   6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
logo
Renesas Technology Corp
ISL9113A RENESAS-ISL9113A Datasheet
737Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL9113A INTERSIL-ISL9113A Datasheet
528Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
January 4, 2017
logo
Renesas Technology Corp
ISL9113 RENESAS-ISL9113 Datasheet
1,003Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
ISL78113A RENESAS-ISL78113A Datasheet
859Kb / 12P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL9113 INTERSIL-ISL9113 Datasheet
703Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
February 23, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com