データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VCX163245 データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 74VCX163245
部品情報  Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX163245 データシート(HTML) 7 Page - Fairchild Semiconductor

  74VCX163245 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 8Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
FIGURE 2. Waveform for Inverting and Non-inverting Functions
tR tF d 2.0 ns, 10% to 90%
FIGURE 3. 3-STATE Output High Enable and Disable Times for Low Voltage Logic
tR tF d 2.0 ns, 10% to 90%
FIGURE 4. 3-STATE Output Low Enable and Disable Times for Low Voltage Logic
tR tF d 2.0 ns, 10% to 90%
TEST
SWITCH
tPLH, tPHL
OPEN
tPZL, tPLZ
6V at VCC 3.3 r0.3V;
VCC x 2 at VCC 2.5 r 0.2V; 1.8V r 0.15V
tPZH, tPHZ
GND
Symbol
VCC
3.3V
r 0.3V
2.5V
r 0.2V
1.8V
r 0.15V
Vmi
1.5V
VCC/2
VCC/2
Vmo
1.5V
VCC/2
VCC/2
VX
VOL  0.3V
VOL  0.15V
VOL  0.15V
VY
VOH  0.3V
VOH  0.15V
VOH  0.15V


同様の部品番号 - 74VCX163245

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74VCX163245 STMICROELECTRONICS-74VCX163245 Datasheet
342Kb / 15P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
logo
ON Semiconductor
74VCX163245 ONSEMI-74VCX163245 Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
74VCX163245G ONSEMI-74VCX163245G Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
logo
Fairchild Semiconductor
74VCX163245G FAIRCHILD-74VCX163245G_07 Datasheet
338Kb / 12P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
STMicroelectronics
74VCX163245LB STMICROELECTRONICS-74VCX163245LB Datasheet
342Kb / 15P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
More results

同様の説明 - 74VCX163245

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VCX164245 FAIRCHILD-74VCX164245 Datasheet
101Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74VCX163245 FAIRCHILD-74VCX163245_07 Datasheet
338Kb / 12P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74ALVC163245 FAIRCHILD-74ALVC163245 Datasheet
106Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Fairchild Semiconductor
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com