データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM4963 データシート(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

部品番号 AM4963
部品情報  Single Phase Full Wave Direct PWM Motor Driver CPU Cooler Fan in PC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BCDSEMI [BCD Semiconductor Manufacturing Limited]
ホームページ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4963 データシート(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AM4963 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM4963 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM4963 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM4963 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM4963 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM4963 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM4963 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM4963 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM4963 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet
Single Phase Full Wave Direct PWM Motor Driver
AM4963/AM4963R
Sep. 2011 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
8
0
5
10
15
20
25
0
5
10
15
20
25
T
A=25
0C
I
Q1 (VCT=L)
I
Q2 (VCT=H)
V
CC (V)
-50
0
50
100
0
4
8
12
16
20
V
CC=12V
I
Q1 (VCT=L)
I
Q2 (VCT=H)
T
A (
OC)
0
100
200
300
400
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
CC=12V, TA=25
0C
V
SATH
V
SATL
I
OUT (mA)
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Ambient Temperature (
OC)
90
HTSSOP-14
Typical Performance Characteristics
Figure 4. Quiescent Current vs. Supply Voltage
Figure 5. Quiescent Current vs. Ambient Temperature
Figure 6. Output Saturation Voltage vs.
Figure 7. Allowable Power Dissipation vs.
Output Current
Ambient Temperature (For HTSSOP-14)


同様の部品番号 - AM4963

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AM4963 BCDSEMI-AM4963 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
logo
Diodes Incorporated
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver
logo
BCD Semiconductor Manuf...
AM4963GH-G1 BCDSEMI-AM4963GH-G1 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
logo
Diodes Incorporated
AM4963GH-G1 DIODES-AM4963GH-G1 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver
logo
BCD Semiconductor Manuf...
AM4963GHTR-G1 BCDSEMI-AM4963GHTR-G1 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
More results

同様の説明 - AM4963

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM9468 DIODES-AM9468 Datasheet
1Mb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
May 2016
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver
logo
BCD Semiconductor Manuf...
AM4961 BCDSEMI-AM4961 Datasheet
198Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4961 DIODES-AM4961 Datasheet
695Kb / 14P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4963 BCDSEMI-AM4963 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
AM4962 BCDSEMI-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
   Single-Phase Full-Wave Motor Driver with Direct PWM Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com