データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K103K15X7RF53H5 データシート(PDF) 3 Page - Vishay Siliconix

部品番号 K103K15X7RF53H5
部品情報  Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K103K15X7RF53H5 データシート(HTML) 3 Page - Vishay Siliconix

  K103K15X7RF53H5 Datasheet HTML 1Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 2Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 3Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 4Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 5Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 6Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 7Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 8Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 45175
For technical questions, contact: cmll@vishay.com
www.vishay.com
Revision: 16-Nov-09
57
Mono-Kap
Multilayer Ceramic Dipped Radial Capacitors
50 VDC and 100 VDC
Vishay
CAPACITANCE RANGE CHART
C0G (NP0) DIELECTRIC
SIZE
15
20
RATED VOLTAGE
50
100
50
100
VALUE
CODE
10 pF
100
12 pF
120
15 pF
150
18 pF
180
22 pF
220
27 pF
270
33 pF
330
39 pF
390
47 pF
470
56 pF
560
68 pF
680
82 pF
820
100 pF
101
120 pF
121
150 pF
151
180 pF
181
220 pF
221
270 pF
271
330 pF
331
390 pF
391
470 pF
471
560 pF
561
680 pF
681
820 pF
821
1000 pF
102
1200 pF
122
1500 pF
152
1800 pF
182
2200 pF
222
2700 pF
272
3300 pF
332
3900 pF
392
4700 pF
472
5600 pF
562
6800 pF
682
8200 pF
822
0.01 µF
103
Y5V DIELECTRIC
SIZE
15
20
RATED VOLTAGE
50
100
50
100
VALUE
CODE
0.01 µF
103
0.015 µF
153
0.022 µF
223
0.033 µF
333
0.047 µF
473
0.068 µF
683
0.10 µF
104
0.15 µF
154
0.22 µF
224
0.33 µF
334
0.47 µF
474
0.68 µF
684
1.0 µF
105
X7R DIELECTRIC
SIZE
15
20
RATED VOLTAGE
50
100
50
100
VALUE
CODE
100 pF
101
120 pF
121
150 pF
151
180 pF
181
220 pF
221
270 pF
271
330 pF
331
390 pF
391
470 pF
471
560 pF
561
680 pF
681
820 pF
821
1000 pF
102
1200 pF
122
1500 pF
152
1800 pF
182
2200 pF
222
2700 pF
272
3300 pF
332
3900 pF
392
4700 pF
472
5600 pF
562
6800 pF
682
8200 pF
822
0.01 µF
103
0.012 µF
123
0.015 µF
153
0.018 µF
183
0.022 µF
223
0.027 µF
273
0.033 µF
333
0.039 µF
393
0.047 µF
473
0.056 µF
563
0.068 µF
683
0.082 µF
823
0.10 µF
104
0.12 µF
124
0.15 µF
154
0.22 µF
224
0.33 µF
334
0.47 µF
474
0.68 µF
684
1.0 µF
105


同様の部品番号 - K103K15X7RF53H5

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
K103K15X7RF53L2 VISHAY-K103K15X7RF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
More results

同様の説明 - K103K15X7RF53H5

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
K103M15X7RF5TH5 VISHAY-K103M15X7RF5TH5 Datasheet
104Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 13-Apr-10
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Sep-06
K331K15C0GL5TH5 VISHAY-K331K15C0GL5TH5 Datasheet
84Kb / 9P
   Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
Revision: 16-Nov-09
MONO-AXIAL50-100 VISHAY-MONO-AXIAL50-100 Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
K103K10X7RF5UH5 VISHAY-K103K10X7RF5UH5 Datasheet
144Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
KSERIES VISHAY-KSERIES Datasheet
147Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
MONO-AXIAL200-500 VISHAY-MONO-AXIAL200-500 Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com