データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VCXH16374MTD データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 74VCXH16374MTD
部品情報  Low Voltage 16-Bit D-Type Flip-Flop with Bushold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH16374MTD データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button 74VCXH16374MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH16374MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH16374MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH16374MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH16374MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH16374MTD Datasheet HTML 7Page - Fairchild Semiconductor 74VCXH16374MTD Datasheet HTML 8Page - Fairchild Semiconductor 74VCXH16374MTD Datasheet HTML 9Page - Fairchild Semiconductor 74VCXH16374MTD Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics (Note 9)
Note 9: For CL 50PF, add approximately 300 ps to the AC maximum specification.
Note 10: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
Figure
(V)
Min
Max
Number
fMAX
Maximum Clock Frequency
CL 30 pF
3.3
r 0.3
250
MHz
2.5
r 0.2
200
1.8
r 0.15
100
CL 15 pF
1.5
r 0.1
80.0
tPHL
Propagation Delay
CL pF, RL 500:
3.3
r 0.3
0.8
3.0
ns
Figures
1, 2
tPLH
2.5
r 0.2
1.0
3.9
1.8
r 0.15
1.5
7.8
CL 15 pF, RL 2 k:
1.5
r 0.1
1.0
15.6
Figures
7, 8
tPZL
Output Enable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.8
3.5
ns
Figures
1, 3, 4
tPZH
2.5
r 0.2
1.0
4.6
1.8
r 0.15
1.5
9.2
CL 15 pF, RL 2 k:
1.5
r 0.1
1.0
18.4
Figures
7, 9, 10
tPLZ
Output Disable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.8
3.5
ns
Figures
1, 3, 4
2.5
r 0.2
1.0
3.8
1.8
r 0.15
1.5
6.8
CL 15 pF, RL 2 k:
1.5
r 0.1
1.0
13.6
Figures
7, 9, 10
tS
Setup Time
CL 30 pF, RL 500:
3.3
r 0.3
1.5
ns
Figure 6
2.5
r 0.2
1.5
1.8
r 0.15
2.5
CL 15 pF, RL 500:
1.5
r 0.1
3.0
tH
Hold Time
CL 30 pF, RL 500:
3.3
r 0.3
1.0
ns
Figure 6
2.5
r 0.2
1.0
1.8
r 0.15
1.0
CL 15 pF, RL 500:
1.5
r 0.1
2.0
tW
Pulse Width
CL 30 pF, RL 500:
3.3
r 0.3
1.5
ns
Figure 5
2.5
r 0.2
1.5
1.8
r 0.15
4.0
CL 15 pF, RL 500:
1.5
r 0.1
4.0
tOSHL
Output to Output Skew
CL 30 pF, RL 500:
3.3
r 0.3
0.5
ns
tOSLH
(Note 10)
2.5
r 0.2
0.5
1.8
r 0.15
0.75
CL 15 pF, RL 2 k:
1.5
r 0.1
1.5


同様の部品番号 - 74VCXH16374MTD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74VCXH16374 STMICROELECTRONICS-74VCXH16374 Datasheet
285Kb / 12P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74VCXH16374 ONSEMI-74VCXH16374 Datasheet
247Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16-Bit D?뭈ype Flip?묯lop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
June, 2006 ??Rev. 5
74VCXH16374DT ONSEMI-74VCXH16374DT Datasheet
247Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16-Bit D?뭈ype Flip?묯lop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
June, 2006 ??Rev. 5
74VCXH16374DTR ONSEMI-74VCXH16374DTR Datasheet
247Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16-Bit D?뭈ype Flip?묯lop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
June, 2006 ??Rev. 5
logo
STMicroelectronics
74VCXH16374TTR STMICROELECTRONICS-74VCXH16374TTR Datasheet
285Kb / 12P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

同様の説明 - 74VCXH16374MTD

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCXH16374 FAIRCHILD-74LCXH16374 Datasheet
204Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
Toshiba Semiconductor
TC74VCXH16374FT TOSHIBA-TC74VCXH16374FT Datasheet
217Kb / 14P
   Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
TC74VCXH162374FT TOSHIBA-TC74VCXH162374FT Datasheet
176Kb / 13P
   Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
Fairchild Semiconductor
74ALVCH16374 FAIRCHILD-74ALVCH16374 Datasheet
97Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH16374 FAIRCHILD-74LCXH16374_05 Datasheet
210Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH162374 FAIRCHILD-74LCXH162374 Datasheet
207Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
74ALVCH162374 FAIRCHILD-74ALVCH162374 Datasheet
94Kb / 6P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
logo
ON Semiconductor
MC74LCX16374 ONSEMI-MC74LCX16374_12 Datasheet
133Kb / 7P
   Low-Voltage CMOS 16-Bit D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Fairchild Semiconductor
74VCXH162374 FAIRCHILD-74VCXH162374 Datasheet
86Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26廓 Series Resistors in Outputs
logo
Motorola, Inc
MC74LCX16374 MOTOROLA-MC74LCX16374 Datasheet
123Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com