データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VCXH245 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 74VCXH245
部品情報  Low Voltage Bidirectional Transceiver with Bushold
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH245 データシート(HTML) 4 Page - Fairchild Semiconductor

  74VCXH245 Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH245 Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH245 Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH245 Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH245 Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH245 Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH245 Datasheet HTML 7Page - Fairchild Semiconductor 74VCXH245 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics
(2.3V
≤ V
CC ≤ .2.7V)
Note 6: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 7: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
DC Electrical Characteristics
(1.65V
≤ V
CC < 2.3V)
Note 8: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 9: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Symbol
Parameter
Conditions
VCC
(V)
Min
Max
Units
VIH
HIGH Level Input Voltage
2.3–2.7
1.6
V
VIL
LOW Level Input Voltage
2.3–2.7
0.7
V
VOH
HIGH Level Output Voltage
IOH = −100 µA
2.3–2.7
VCC − 0.2
V
IOH = −6 mA
2.3
2.0
IOH = −12 mA
2.3
1.8
IOH = −18 mA
2.3
1.7
VOL
LOW Level Output Voltage
IOL = 100 µA
2.3–2.7
0.2
V
IOL = 12 mA
2.3
0.4
IOL = 18 mA
2.3
0.6
II
Input Leakage Current
VIN = VCC or GND
2.3–2.7
±5.0
µA
II(HOLD)
Bushold Imput Minimum
VIN = 0.7V
2.3
45
µA
Drive Hold Current
VIN = 1.6V
2.3
−45
II(OD)
Bushold Input Over-Drive
(Note 6)
2.7
300
µA
Current to Change State
(Note 7)
2.7
−300
IOZ
3-STATE Output Leakage
VO = VCC or GND
2.3–2.7
±10
µA
VI = VIH or VIL
ICC
Quiescent Supply Current
VI = VCC or GND
2.3–2.7
20
µA
Symbol
Parameter
Conditions
VCC
(V)
Min
Max
Units
VIH
HIGH Level Input Voltage
1.65–2.3
0.65 x VCC
V
VIL
LOW Level Input Voltage
1.65–2.3
0.35 x VCC
V
VOH
HIGH Level Output Voltage
IOH = −100 µA
1.65–2.3
VCC − 0.2
V
IOH = −6 mA
1.65
1.25
VOL
LOW Level Output Voltage
IOL = 100 µA
1.65–2.3
0.2
V
IOL = 6 mA
1.65
0.3
II
Input Leakage Current
VIN = VCC or GND
1.65–2.3
±5.0
µA
II(HOLD)
Bushold Input Mimimum
VIN = 0.57V
1.65
25
µA
Drive Hold Current
VIN = 1.07V
1.65
−25
II(OD)
Bushold Input Over
−Drive
(Note 8)
1.95
200
µA
Current to Change State
(Note 9)
1.95
−200
IOZ
3-STATE Output Leakage
VO = VCC or GND
1.65–2.3
±10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
1.65–2.3
20
µA


同様の部品番号 - 74VCXH245

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74VCXH245 ONSEMI-74VCXH245 Datasheet
71Kb / 8P
   Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver
April, 2005 ??Rev. 10
logo
Fairchild Semiconductor
74VCXH245 FAIRCHILD-74VCXH245 Datasheet
211Kb / 9P
   Low Voltage Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74VCXH245MNR2 ONSEMI-74VCXH245MNR2 Datasheet
71Kb / 8P
   Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver
April, 2005 ??Rev. 10
74VCXH245MNR2G ONSEMI-74VCXH245MNR2G Datasheet
71Kb / 8P
   Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver
April, 2005 ??Rev. 10
logo
Fairchild Semiconductor
74VCXH245MTC FAIRCHILD-74VCXH245MTC Datasheet
211Kb / 9P
   Low Voltage Bidirectional Transceiver with Bushold
More results

同様の説明 - 74VCXH245

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ALVCH245 FAIRCHILD-74ALVCH245 Datasheet
82Kb / 7P
   Low Voltage Bidirectional Transceiver with Bushold
74VCXH245 FAIRCHILD-74VCXH245_05 Datasheet
211Kb / 9P
   Low Voltage Bidirectional Transceiver with Bushold
74LCXH245 FAIRCHILD-74LCXH245 Datasheet
197Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
74LCXH245WMX FAIRCHILD-74LCXH245WMX Datasheet
200Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH245 ONSEMI-74LCXH245 Datasheet
306Kb / 12P
   Low Voltage Bidirectional Transceiver with Bushold
Revised September 2001
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
74LCXH16245 FAIRCHILD-74LCXH16245_05 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245 ONSEMI-74LCXH16245 Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
logo
Fairchild Semiconductor
74LCXH2245 FAIRCHILD-74LCXH2245_05 Datasheet
215Kb / 11P
   Low Voltage Bidirectional Transceiver with Bushold and 26ohm Series Resistors in B Outputs
74LCXH32245 FAIRCHILD-74LCXH32245 Datasheet
177Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com