データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES2D データシート(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

部品番号 ES2D
部品情報  Surface Mount Efficient Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
ホームページ  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

ES2D データシート(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  ES2D Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. ES2D Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
200
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to + 150
SMB/DO-214AA
ES2A THRU ES2J
Voltage Range 50 to 600 V
Current 2.0 Ampere
Surface Mount Efficient Fast Recovery Rectifier
ES2A
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
ES2B
ES2D
ES2G
ES2J
50
100
140
200
600
35
70
420
50
100
600
2.0
5.0
60
0.9
1.25
1.5
20
25
50
100
50
55
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oCW
nS
400
280
400
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TA=90
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 2.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Maximum Thermal Resistance (Note 3)
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Molded plastic SMB/DO-214AA
Glass passivated chip
High surge current capability
Weight: 0.093 gram
Polarity:Color band denotes cathode
method 2026
Mounting position: Any
Terminals: Solderable per MIL-STD-750
Mechanical Data
Low reverse leakage current
R JA
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to ambient.
Epoxy: UL 94V-0 rate flame retardant
.160(4.06)
.185(4.70)
.006(.152)
.012(.305)
.130(3.30)
.155(3.94)
.075(1.91)
.083(2.11)
.083(2.13)
.096(2.44)
.200(5.08)
.220(5.59)
.030(0.76)
.060(1.52)
.002(.051)
.008(.203)
CHARACTERISTIC
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1


同様の部品番号 - ES2D

メーカー部品番号データシート部品情報
logo
Jinan Gude Electronic D...
ES2D JGD-ES2D Datasheet
173Kb / 3P
   2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Anova Technologies CO.,...
ES2D ANOVA-ES2D Datasheet
271Kb / 2P
   Surface Mount Super Fast Rectifiers
logo
Vishay Siliconix
ES2D VISHAY-ES2D Datasheet
83Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 30-Oct-13
logo
DAESAN ELECTRONIC CORP.
ES2D DAESAN-ES2D Datasheet
340Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 400 Volts
logo
SAMYANG ELECTRONICS CO....
ES2D SAMYANG-ES2D Datasheet
1Mb / 2P
   SUPER FAST RECTIFIERS
More results

同様の説明 - ES2D

メーカー部品番号データシート部品情報
logo
YENYO TECHNOLOGY Co., L...
EFS1A YENYO-EFS1A Datasheet
663Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
ES1A YENYO-ES1A Datasheet
792Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
ES2A YENYO-ES2A Datasheet
801Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
EFS1AB YENYO-EFS1AB Datasheet
709Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
ES3A YENYO-ES3A Datasheet
754Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
MUR140B YENYO-MUR140B Datasheet
786Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
ES3AB YENYO-ES3AB Datasheet
673Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
EFS3A YENYO-EFS3A Datasheet
756Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
EFS2A YENYO-EFS2A Datasheet
665Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
logo
Comchip Technology
EF1A COMCHIP-EF1A Datasheet
82Kb / 2P
   Efficient Fast Recovery Rectifier
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com