データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VHC02M データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 74VHC02M
部品情報  Quad 2-Input NOR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC02M データシート(HTML) 3 Page - Fairchild Semiconductor

  74VHC02M Datasheet HTML 1Page - Fairchild Semiconductor 74VHC02M Datasheet HTML 2Page - Fairchild Semiconductor 74VHC02M Datasheet HTML 3Page - Fairchild Semiconductor 74VHC02M Datasheet HTML 4Page - Fairchild Semiconductor 74VHC02M Datasheet HTML 5Page - Fairchild Semiconductor 74VHC02M Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation: ICC (opr.) CPD * VCC * fIN  ICC/4 (per gate).
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
3.3
r 0.3
5.6
7.9
1.0
9.5
ns
CL 15 pF
tPLH
8.1
11.4
1.0
13.0
CL 50 pF
5.0
r 0.5
3.6
5.5
1.0
6.5
ns
CL 15 pF
5.1
7.5
1.0
8.5
CL 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC Open
CPD
Power Dissipation
15
pF
(Note 5)
Capacitance


同様の部品番号 - 74VHC02M

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74VHC02M STMICROELECTRONICS-74VHC02M Datasheet
164Kb / 8P
   QUAD 2-INPUT NOR GATE
logo
Fairchild Semiconductor
74VHC02M FAIRCHILD-74VHC02M Datasheet
99Kb / 7P
   Quad 2-Input NOR Gate
74VHC02M FAIRCHILD-74VHC02M Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
ON Semiconductor
74VHC02M ONSEMI-74VHC02M Datasheet
551Kb / 6P
   Quad 2-Input NOR Gate
August-2017, Rev. 2
logo
Fairchild Semiconductor
74VHC02MTC FAIRCHILD-74VHC02MTC Datasheet
99Kb / 7P
   Quad 2-Input NOR Gate
More results

同様の説明 - 74VHC02M

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com