データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VHC00MTC データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 74VHC00MTC
部品情報  Quad 2-Input NAND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC00MTC データシート(HTML) 1 Page - Fairchild Semiconductor

  74VHC00MTC Datasheet HTML 1Page - Fairchild Semiconductor 74VHC00MTC Datasheet HTML 2Page - Fairchild Semiconductor 74VHC00MTC Datasheet HTML 3Page - Fairchild Semiconductor 74VHC00MTC Datasheet HTML 4Page - Fairchild Semiconductor 74VHC00MTC Datasheet HTML 5Page - Fairchild Semiconductor 74VHC00MTC Datasheet HTML 6Page - Fairchild Semiconductor 74VHC00MTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011504
www.fairchildsemi.com
October 1992
Revised February 2005
74VHC00
Quad 2-Input NAND Gate
General Description
The VHC00 is an advanced high-speed CMOS 2-Input
NAND Gate fabricated with silicon gate CMOS technology.
It achieves the high-speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation. The internal circuit is composed of 3
stages, including buffer output, which provide high noise
immunity and stable output. An input protection circuit
insures that 0V to 7V can be applied to the input pins with-
out regard to the supply voltage. This device can be used
to interface 5V to 3V systems and two supply systems such
as battery backup. This circuit prevents device destruction
due to mismatched supply and input voltages.
Features
s High Speed: tPD 3.7ns (typ) at TA 25qC
s High noise immunity: VNIH VNIL 28% VCC (min)
s Power down protection is provided on all inputs
s Low noise: VOLP 0.8V (max)
s Low power dissipation: ICC 2 PA (max) at TA 25qC
s Pin and function compatible with 74HC00
Ordering Code:
Devices also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Logic Symbol
IEEE/IEC
Pin Descriptions
Connection Diagram
Truth Table
Order Number
Package
Package Description
Number
74VHC00M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74VHC00MX_NL
M14A
Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74VHC00SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC00MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHC00MTCX_NL
(Note 1)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74VHC00N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names
Description
An, Bn
Inputs
On
Outputs
AB
O
LL
H
LH
H
HL
H
HH
L


同様の部品番号 - 74VHC00MTC

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74VHC00MTC ONSEMI-74VHC00MTC Datasheet
312Kb / 10P
   Quad 2-Input NAND Gate
February 2008 Rev. 1.3.0
logo
Fairchild Semiconductor
74VHC00MTC FAIRCHILD-74VHC00MTC_08 Datasheet
298Kb / 10P
   Quad 2-Input NAND Gate
More results

同様の説明 - 74VHC00MTC

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com