データシートサーチシステム |
|
74VHC163 データシート(PDF) 2 Page - Fairchild Semiconductor |
|
74VHC163 データシート(HTML) 2 Page - Fairchild Semiconductor |
2 / 10 page www.fairchildsemi.com 2 Connection Diagram Pin Descriptions Functional Description The VHC163 counts in modulo-16 binary sequence. From state 15 (HHHH) it increments to state 0 (LLLL). The clock inputs of all flip-flops are driven in parallel through a clock buffer. Thus all changes of the Q outputs occur as a result of, and synchronous with, the LOW-to-HIGH transition of the CP input signal. The circuits have four fundamental modes of operation, in order of precedence: synchronous reset, parallel load, count-up and hold. Four control inputs—Synchronous Reset (MR), Parallel Enable (PE), Count Enable Parallel (CEP) and Count Enable Trickle (CET)—determine the mode of operation, as shown in the Mode Select Table. A LOW signal on MR overrides count- ing and parallel loading and allows all outputs to go LOW on the next rising edge of CP. A LOW signal on PE over- rides counting and allows information on the Parallel Data (Pn) inputs to be loaded into the flip-flops on the next rising edge of CP. With PE and MR HIGH, CEP and CET permit counting when both are HIGH. Conversely, a LOW signal on either CEP or CET inhibits counting. The VHC163 uses D-type edge-triggered flip-flops and changing the MR, PE, CEP and CET inputs when the CP is in either state does not cause errors, provided that the rec- ommended setup and hold times, with respect to the rising edge of CP, are observed. The Terminal Count (TC) output is HIGH when CET is HIGH and counter is in state 15. To implement synchro- nous multistage counters, the TC outputs can be used with the CEP and CET inputs in two different ways. Figure 1 shows the connections for simple ripple carry, in which the clock period must be longer than the CP to TC delay of the first stage, plus the cumulative CET to TC delays of the intermediate stages, plus the CET to CP setup time of the last stage. This total delay plus setup time sets the upper limit on clock frequency. For faster clock rates, the carry lookahead connections shown in Figure 2 are recommended. In this scheme the ripple delay through the intermediate stages commences with the same clock that causes the first stage to tick over from max to min to start its final cycle. Since this final cycle takes 16 clocks to complete, there is plenty of time for the ripple to progress through the intermediate stages. The critical timing that lim- its the clock period is the CP to TC delay of the first stage plus the CEP to CP setup time of the last stage. The TC output is subject to decoding spikes due to internal race conditions and is therefore not recommended for use as a clock or asynchronous reset for flip-flops, registers or counters. Logic Equations: Count Enable = CEP • CET • PE TC = Q 0 • Q1 • Q 2 • Q3 • CET FIGURE 1. FIGURE 2. Pin Names Description CEP Count Enable Parallel Input CET Count Enable Trickle Input CP Clock Pulse Input MR Synchronous Master Reset Input P0–P3 Parallel Data Inputs PE Parallel Enable Inputs Q0–Q3 Flip-Flop Outputs TC Terminal Count Output |
同様の部品番号 - 74VHC163 |
|
同様の説明 - 74VHC163 |