データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VHC163M データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 74VHC163M
部品情報  4-Bit Binary Counter with Synchronous Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC163M データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button 74VHC163M Datasheet HTML 2Page - Fairchild Semiconductor 74VHC163M Datasheet HTML 3Page - Fairchild Semiconductor 74VHC163M Datasheet HTML 4Page - Fairchild Semiconductor 74VHC163M Datasheet HTML 5Page - Fairchild Semiconductor 74VHC163M Datasheet HTML 6Page - Fairchild Semiconductor 74VHC163M Datasheet HTML 7Page - Fairchild Semiconductor 74VHC163M Datasheet HTML 8Page - Fairchild Semiconductor 74VHC163M Datasheet HTML 9Page - Fairchild Semiconductor 74VHC163M Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
AC Operating Requirements
Note 5: VCC is 3.3 ± 0.3V or 5.0 ± 0.5V
Symbol
Parameter
VCC
(Note 5)
(V)
TA = 25°C
TA = −40°C
Units
Typ
Guaranteed Minimum
tS
Minimum Setup Time
3.3
5.5
6.5
ns
(Pn–CP)
5.0
4.5
4.5
tS
Minimum Setup Time
3.3
8.0
9.5
ns
(PE –CP)
5.0
5.0
6.0
tS
Minimum Setup Time
3.3
7.5
9.0
ns
(CEP or CET–CP)
5.0
5.0
6.0
tS
Minimum Setup Time
3.3
4.0
4.0
ns
(MR –CP)
5.0
3.5
3.5
tH
Minimum Hold Time
3.3
1.0
1.0
ns
(Pn–CP)
5.0
1.0
1.0
tH
Minimum Hold Time
3.3
1.0
1.0
ns
(PE –CP)
5.0
1.0
1.0
tH
Minimum Hold Time
3.3
1.0
1.0
ns
(CEP or CET–CP)
5.0
1.0
1.0
tH
Minimum Hold Time
3.3
1.0
1.0
ns
(MR –CP)
5.0
1.5
1.5
tW(L)
Minimum Pulse Width
3.3
5.0
5.0
ns
tW(H)
CP (Count)
5.0
5.0
5.0


同様の部品番号 - 74VHC163M

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74VHC16373 STMICROELECTRONICS-74VHC16373 Datasheet
79Kb / 10P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
74VHC16373 STMICROELECTRONICS-74VHC16373 Datasheet
282Kb / 11P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
74VHC16373TTR STMICROELECTRONICS-74VHC16373TTR Datasheet
79Kb / 10P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
74VHC16373TTR STMICROELECTRONICS-74VHC16373TTR Datasheet
282Kb / 11P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
74VHC16373 STMICROELECTRONICS-74VHC16373_03 Datasheet
282Kb / 11P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
More results

同様の説明 - 74VHC163M

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Renesas Technology Corp
HD74LV161A RENESAS-HD74LV161A Datasheet
112Kb / 16P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LS163A RENESAS-HD74LS163A Datasheet
199Kb / 12P
   Synchronous 4-bit Binary Counter (direct clear)
HD74LV161A RENESAS-HD74LV161A_15 Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LS161A RENESAS-HD74LS161A Datasheet
106Kb / 11P
   Synchronous 4-bit Binary Counter (direct clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com