データシートサーチシステム |
|
BA2902SKN データシート(PDF) 5 Page - Rohm |
|
BA2902SKN データシート(HTML) 5 Page - Rohm |
5 / 26 page Technical Note BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM 5/25 www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ○BA2902 family (Unless otherwise specified VCC=+5[V], VEE=0[V]) Parameter Symbol Temperature Range Limits Unit Condition BA2902S F/FV/KN BA2902F/FV/KN Min. Typ. Max. Input Offset Voltage ( *10) (*11) Vio 25℃ - 2 7 mV VOUT=1.4[V] Full range - - 10 VCC=5~30[V],VOUT=1.4[V] Input Offset Voltage Drift △Vio/△T - - ±7 - μV/℃ VOUT=1.4[V] Input Offset Current (*10) (*11) Iio 25℃ - 2 50 nA VOUT=1.4[V] Full range - - 200 Input Offset Current Drift △lio/△T- - ±10 - pA/℃ VOUT=1.4[V] Input Bias Current (*10) (*11) Ib 25℃ - 20 250 nA VOUT=1.4[V] Full range - - 250 Supply Current (*10) ICC 25℃ - 0.7 2 mA RL= ∞ All Op-Amps Full range - - 3 High Level Output Voltage (*11) VOH 25℃ 3.5 - - V RL=2[k Ω] Full range 27 28 - VCC=30[V],RL=10[k Ω] Low Level Output Voltage (*11) VOL Full range - 5 20 mV RL= ∞All Op-Amps Large Signal Voltage Gain AV 25℃ 25 100 - V/mV RL≧2[k Ω],VCC=15[V] VOUT=1.4~11.4[V] Input Common-mode Voltage Range Vicm 25℃ 0 - VCC-1. 5 V (VCC-VEE)=5[V], VOUT=VEE+1.4[V] Common-mode Rejection Ratio CMRR 25℃ 50 80 - dB VOUT=1.4[V] Power Supply Rejection Ratio PSRR 25℃ 65 100 - dB VCC=5~30[V] Output SourceCurrent (*11) (*12) IOH 25℃ 20 30 - mA VIN+=1[V],VIN-=0[V] VOUT=0[V] 1CH is short circuit Full range 10 - - Output Sink Current (*11) (*12) IOL 25℃ 10 20 - mA VIN+=0[V],VIN-=1[V] VOUT=5[V] 1CH is short circuit Full range 2 - - Isink 25℃ 12 40 - μA VIN+=0[V],VIN-=1[V] VOUT=200[mV] Channel Separation CS 25℃ - 120 - dB f=1[kHz], input referred Slew rate SR 25℃ - 0.2 - V/ μs VCC=15[V],AV=0[dB], RL=2[k Ω],CL=100[pF] Maximum frequency ft 25℃ - 0.5 - MHz VCC=30[V],RL=2[k Ω], CL=100[pF] Input referred noise voltage Vn 25℃ - 40 - Hz nV/ VCC=15[V],VEE=-15[V], RS=100[ Ω],Vi=0[V],f=1[kHz] (*10) Absolute value (*11) BA2902S family:Full range -40~+105℃ ,BA2902 family:Full range -40~+125℃ (*12) Under high temperatures, please consider the power dissipation when selecting the output current. When the output terminal is continuously shorted the output current reduces the internal temperature by flushing. |
同様の部品番号 - BA2902SKN |
|
同様の説明 - BA2902SKN |