データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC1653Q1G5NAGA データシート(PDF) 4 Page - Integrated Device Technology

部品番号 DAC1653Q1G5NAGA
部品情報  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1653Q1G5NAGA データシート(HTML) 4 Page - Integrated Device Technology

  DAC1653Q1G5NAGA Datasheet HTML 1Page - Integrated Device Technology DAC1653Q1G5NAGA Datasheet HTML 2Page - Integrated Device Technology DAC1653Q1G5NAGA Datasheet HTML 3Page - Integrated Device Technology DAC1653Q1G5NAGA Datasheet HTML 4Page - Integrated Device Technology DAC1653Q1G5NAGA Datasheet HTML 5Page - Integrated Device Technology DAC1653Q1G5NAGA Datasheet HTML 6Page - Integrated Device Technology DAC1653Q1G5NAGA Datasheet HTML 7Page - Integrated Device Technology DAC1653Q1G5NAGA Datasheet HTML 8Page - Integrated Device Technology DAC1653Q1G5NAGA Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 101 page
background image
DAC1653Q/DAC1658Q
© IDT 2013. All rights reserved.
Advance data sheet
Rev. 1.03 — 13 May 2013
4 of 101
Integrated Device Technology
DAC1653Q/DAC1658Q
Quad 16-bit DAC: 10 Gbps JESD204B interface; up to 1.50 Gsps
5. Block diagram
Fig 1.
DAC165xQ block diagram
IOUTB_P
IOUTB_N
IOUTA_P
IOUTA_N
+
OFFSET
CONTROL
cos
sin
cos
sin
DAC B
VIRRES
GAPOUT
+
Clip.
Clip.
10-bit
Gain
Control
10-bit
Gain
Control
REF.
BANDGAP
AND
BIASING
DAC A
x2
FIR 2
x2
FIR 1
x2
FIR 2
x2
FIR 3
x2
FIR 3
x2
FIR 1
VIN_AB_P3
VIN_AB_N3
DIGITAL LAYER
PROCESSING
JESD204B
SPI CONTROL REGISTERS
SDO
SDIO
CSB
SCLK
RESET_N
SYSREF_W_N
SYSREF_W_P
SYSREF_E_N
SYSREF_E_P
VIN_AB_P2
VIN_AB_N2
VIN_AB_P1
VIN_AB_N1
VIN_AB_P0
L0
L1
L2
L3
VIN_AB_N0
SYNCB_AB_N
SYNCB_AB_P
CLKIN_N
CLKIN_P
LANE
PROC
DAC
LANE
PROC
LANE
PROC
LANE
PROC
x
sin x
x
sin x
INTERRUPT MANAGMENT/
MONITORING FEATURES
IOUTD_P
IOUTD_N
IOUTC_P
IOUTC_N
+
OFFSET
CONTROL
DAC D
+
Clip.
Clip.
10-bit
Gain
Control
10-bit
Gain
Control
DAC C
x2
FIR 2
x2
FIR 1
x2
FIR 2
x2
FIR 3
x2
FIR 3
x2
FIR 1
VIN_CD_P3
VIN_CD_N3
DIGITAL LAYER
PROCESSING
JESD204B
VIN_CD_P2
VIN_CD_N2
VIN_CD_P1
VIN_CD_N1
VIN_CD_P0
L0
L1
L2
L3
VIN_CD_N0
SYNCB_CD_P
SYNCB_CD_N
LANE
PROC
LANE
PROC
LANE
PROC
LANE
PROC
x
sin x
x
sin x
CLOCK DOMAINS
MONITORING AND
SYNCHRONIZATION
CLOCK
GENERATOR
UNIT/PLL
CLOCK
DIVIDERS
GROUP
DELAY
COMPEN-
SATION
NCO_AB
40-bits frequency setting
16-bits phase adjustment
NCO_CD
40-bits frequency setting
16-bits phase adjustment
IO0
IO1
IO2
IO3


同様の部品番号 - DAC1653Q1G5NAGA

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
DAC1653Q1G5NAGA RENESAS-DAC1653Q1G5NAGA Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653Q1G5NAGA8 RENESAS-DAC1653Q1G5NAGA8 Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
More results

同様の説明 - DAC1653Q1G5NAGA

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653D RENESAS-DAC1653D Datasheet
3Mb / 168P
   Dual 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
28 April 2014
DAC1628D1G25 RENESAS-DAC1628D1G25 Datasheet
2Mb / 130P
   Dual 16-bit DAC: JESD204B interface: up to 1.25 Gsps; x2, x4 and x8 interpolating
2 July 2012
logo
Texas Instruments
DAC39J84 TI-DAC39J84_15 Datasheet
2Mb / 146P
[Old version datasheet]   DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
logo
Maxim Integrated Produc...
MAX5857 MAXIM-MAX5857 Datasheet
2Mb / 140P
   16-Bit, 5.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 3/18
MAX5855 MAXIM-MAX5855 Datasheet
2Mb / 128P
   16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 9/2018
logo
Linear Technology
LTC1664 LINER-LTC1664_1 Datasheet
179Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664 LINER-LTC1664_15 Datasheet
233Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664 LINER-LTC1664 Datasheet
168Kb / 16P
   Micropower Quad 10-Bit DAC
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com