データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VHC4051MTC データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 74VHC4051MTC
部品情報  8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC4051MTC データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button 74VHC4051MTC Datasheet HTML 2Page - Fairchild Semiconductor 74VHC4051MTC Datasheet HTML 3Page - Fairchild Semiconductor 74VHC4051MTC Datasheet HTML 4Page - Fairchild Semiconductor 74VHC4051MTC Datasheet HTML 5Page - Fairchild Semiconductor 74VHC4051MTC Datasheet HTML 6Page - Fairchild Semiconductor 74VHC4051MTC Datasheet HTML 7Page - Fairchild Semiconductor 74VHC4051MTC Datasheet HTML 8Page - Fairchild Semiconductor 74VHC4051MTC Datasheet HTML 9Page - Fairchild Semiconductor 74VHC4051MTC Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics
VCC = 2.0V 6.0V, VEE = 0V 6V, CL = 50 pF (unless otherwise specified)
Symbol
Parameter
Conditions
VEE
VCC
TA=25°CTA=−40 to 85°C
Units
Typ
Guaranteed Limits
tPHL, tPLH
Maximum Propagation Delay
Switch In to Out
GND
3.3V
25
35
40
ns
GND
4.5V
5
12
15
ns
−4.5V
4.5V
4
8
12
ns
−6.0V
6.0V
3
7
11
ns
tPZL, tPZH
Maximum Switch Turn “ON”
Delay
RL = 1 kΩ
GND
3.3V
92
200
250
ns
GND
4.5V
69
87
ns
−4.5V
4.5V
16
46
58
ns
−6.0V
6.0V
15
41
51
ns
tPHZ, tPLZ
Maximum Switch Turn “OFF”
Delay
GND
3.3V
65
170
210
ns
GND
4.5V
28
58
73
ns
−4.5V
4.5V
18
37
46
ns
−6.0V
6.0V
16
32
41
ns
fMAX
Minimum Switch
GND
4.5V
30
MHz
Frequency Response
−4.5V
4.5V
35
MHz
20 log (VI/VO) = 3 dB
Control to Switch
RL = 600Ω,VIS = 4 VPP
0V
4.5V
1080
mV
Feedthrough Noise
f
= 1 MHz,
VIS = 8 VPP
−4.5V
4.5V
250
mV
CL = 50 pF
Crosstalk between
RL = 600Ω,VIS = 4 VPP
0V
4.5
−52
dB
any Two Switches
f
= 1 MHz
VIS = 8 VPP
−4.5V
4.5V
−50
dB
Switch OFF Signal
RL = 600Ω,VIS = 4 VPP
0V
4.5V
−42
dB
Feedthrough
f
= 1 MHz,
VIS = 8 VPP
−4.5V
4.5V
−44
dB
Isolation
VCTL = VIL
THD
Sinewave Harmonic
RL = 10 kΩ,VIS = 4 VPP
0V
4.5V
0.013
%
Distortion
CL = 50 pF,
VIS = 8 VPP
−4.5V
4.5V
0.008
%
f
= 1 kHz
CIN
Maximum Control
5
10
10
pF
Input Capacitance
CIN
Maximum Switch
Input
15
pF
Input Capacitance
4051 Common
90
4052 Common
45
4053 Common
30
CIN
Maximum Feedthrough
5
pF
Capacitance


同様の部品番号 - 74VHC4051MTC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC4051MTC FAIRCHILD-74VHC4051MTC Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
More results

同様の説明 - 74VHC4051MTC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Toshiba Semiconductor
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
logo
National Semiconductor ...
LF13508 NSC-LF13508 Datasheet
334Kb / 16P
   8-Channel Analog Multiplexer
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com