データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACE1001EMT8X データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 ACE1001EMT8X
部品情報  Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1001EMT8X データシート(HTML) 1 Page - Fairchild Semiconductor

  ACE1001EMT8X Datasheet HTML 1Page - Fairchild Semiconductor ACE1001EMT8X Datasheet HTML 2Page - Fairchild Semiconductor ACE1001EMT8X Datasheet HTML 3Page - Fairchild Semiconductor ACE1001EMT8X Datasheet HTML 4Page - Fairchild Semiconductor ACE1001EMT8X Datasheet HTML 5Page - Fairchild Semiconductor ACE1001EMT8X Datasheet HTML 6Page - Fairchild Semiconductor ACE1001EMT8X Datasheet HTML 7Page - Fairchild Semiconductor ACE1001EMT8X Datasheet HTML 8Page - Fairchild Semiconductor ACE1001EMT8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
www.fairchildsemi.com
ACE1001 Product Family Rev. B.1
ACE1001 Product Family
Arithmetic Controller Engine (ACEx™)
for Low Power Applications
General Description
The ACE1001 is a member of the ACEx (Arithmetic Controller
Engine) family of microcontrollers. It is a dedicated programmable
monolithic integrated circuit for applications requiring high perfor-
mance, low power, and small size. It is a fully static part fabricated
using CMOS technology.
The ACE1001 product family has an 8-bit core processor, 64 bytes
of RAM, 64 bytes of data EEPROM and 1K bytes of code
EEPROM. Its on-chip peripherals include a programmable 8-bit
timer with PWM output, watch-dog/idle timer, and programmable
undervoltage detection circuitry. The on-chip clock and reset
functions reduce the number of required external components.
The ACE1001 product family is available in 8-pin SOIC and
TSSOP packages.
Features
I Arithmetic Controller Engine
I 1K bytes on-board code EEPROM
I 64 bytes data EEPROM
I 64 bytes RAM
I Watchdog
I Multi-input wake-up 3 I/O pins
Block and Connection Diagram
April 2002
I 8-bit Timer1 with PWM output
I On-chip oscillator
— No external components
— 1
µs instruction cycle time
I On-chip Power-on Reset
I Brown-out Reset
I Programmable read and write disable functions
I Memory mapped I/O
I Multilevel Low Voltage Detection
I Fully static CMOS
— Low power HALT mode (100nA @ 3.3V)
— Power saving IDLE mode
I Single supply operaton
— 1.8 - 5.5V (ACE1001L)
— 2.2 - 5.5V (ACE1001)
I Software selectable I/O options
— Push-pull outputs with tri-state option
— Weak pull-up or high impedance inputs
I 40 years data retention
I 1,000,000 writes
I 8-pin SOIC and TSSOP packages.
Power-on Reset
Brown-out Reset
ACE1001 core
(4 interrupt
sources
and vectors)
Programming Interface
1K bytes of Code
EEPROM
64 bytes of Data
EEPROM
64 bytes of RAM
12-bit Timer0 with
Watchdog Timer
8-bit PWM Timer1
HALT & IDLE Power
Saving Modes
GPORT
general
purpose
I/O with
multi-
input
wakeup
on 3
inputs
Internal Oscillator
VCC1
GND1
RESET
(CKO) G0
(CKI) G1
(T1) G2
(MIW) G4
(MIW) G5
(MIW) G32
© 2002 Fairchild Semiconductor Corporation
1. 100nf decoupling capacitor recommended.
2. Input only


同様の部品番号 - ACE1001EMT8X

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ACE100 ETC2-ACE100 Datasheet
201Kb / 4P
   Evaluation Kit For A/D Converters
logo
RHOPOINT COMPONENTS
ACE100 RHOPOINT-ACE100 Datasheet
209Kb / 4P
   Evaluation Kit For ADC100 Series A/D Converters
More results

同様の説明 - ACE1001EMT8X

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com