データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACE1101LMT8 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 ACE1101LMT8
部品情報  Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1101LMT8 データシート(HTML) 5 Page - Fairchild Semiconductor

  ACE1101LMT8 Datasheet HTML 1Page - Fairchild Semiconductor ACE1101LMT8 Datasheet HTML 2Page - Fairchild Semiconductor ACE1101LMT8 Datasheet HTML 3Page - Fairchild Semiconductor ACE1101LMT8 Datasheet HTML 4Page - Fairchild Semiconductor ACE1101LMT8 Datasheet HTML 5Page - Fairchild Semiconductor ACE1101LMT8 Datasheet HTML 6Page - Fairchild Semiconductor ACE1101LMT8 Datasheet HTML 7Page - Fairchild Semiconductor ACE1101LMT8 Datasheet HTML 8Page - Fairchild Semiconductor ACE1101LMT8 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
www.fairchildsemi.com
ACE1101 Rev. C.8
Preliminary ACE1101B AC Electrical Characteristics for VCC = 2.7 to 5.5V
Parameter
Conditions
MIN
TYP
MAX
Units
Instruction cycle time from
5.0V at 25
°C
0.9
1.00
1.1
µs
internal clock - setpoint
Internal clock voltage dependent
3.0V to 5.5V,
±5%
frequency variation
constant temperature
Internal clock temperature
3.0V to 5.5V,
±10%
dependent frequency variation
full temperature range
Internal clock frequency
3.0V to 4.5V for
±2%
deviation for 0.5V drop
ACE1101BE, T=constant
Crystal oscillator frequency
(Note 1)
4
MHz
External clock frequency
(Note 2)
4
MHz
EEPROM write time
3
10
ms
Internal clock start up time
(Note 2)
2
ms
Oscillator start up time
(Note 2)
2400
cycles
Note 1: The maximum permissible frequency is guaranteed by design but not 100% tested.
Note 2: The parameter is guaranteed by design but not 100% tested.
ACE1101B Electrical Characteristics for programming
All data valid at ambient temperature between 4.5V and 5.5V. See “EEPROM write time” in the AC
characteristics for definition of the programming ready time. The following characteristics are guaranteed
by design but are not 100% tested.
Parameter
Description
MIN
MAX
Units
t
HI
CLOCK high time
500
DC
ns
tLO
CLOCK low time
500
DC
ns
t
DIS
SHIFT_IN setup time
100
ns
tDIH
SHIFT_IN hold time
100
ns
t
DOS
SHIFT_OUT setup time
100
ns
tDOH
SHIFT_OUT hold time
900
ns
t
SV1, tSV2
LOAD supervoltage timing
50
us
tLOAD1, tLOAD2, tLOAD3, tLOAD4
LOAD timing
5
us
V
SUPERVOLTAGE
Supervoltage level
11.5
12.5
V


同様の部品番号 - ACE1101LMT8

メーカー部品番号データシート部品情報
logo
ACE Technology Co., LTD...
ACE11011B ACE-ACE11011B Datasheet
951Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE11011BPN-1+H ACE-ACE11011BPN-1+H Datasheet
951Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE11013A ACE-ACE11013A Datasheet
348Kb / 7P
   P-Channel Enhancement Mode MOSFET
VER 1.1
More results

同様の説明 - ACE1101LMT8

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com