データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM7447AN データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 DM7447AN
部品情報  BCD to 7-Segment Decoders/Drivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM7447AN データシート(HTML) 5 Page - Fairchild Semiconductor

  DM7447AN Datasheet HTML 1Page - Fairchild Semiconductor DM7447AN Datasheet HTML 2Page - Fairchild Semiconductor DM7447AN Datasheet HTML 3Page - Fairchild Semiconductor DM7447AN Datasheet HTML 4Page - Fairchild Semiconductor DM7447AN Datasheet HTML 5Page - Fairchild Semiconductor DM7447AN Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
www.fairchildsemi.com
DM7447A Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 9: All typicals are at VCC = 5V, TA = 25°C.
Note 10: ICC is measured with all outputs OPEN and all inputs at 4.5V.
DM7447A Switching Characteristics
at VCC = 5V and TA = 25°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 9)
VI
Input Clamp Voltage
VCC = Min, II = −12 mA
−1.5
V
VOH
HIGH Level Output
VCC = Min
2.4
3.7
V
Voltage (BI/RBO)
IOH = Max
ICEX
HIGH Level Output
VCC = Max, VO = 15V
250
µA
Current (a thru g)
VIL = Max, VIH = Min
VOL
LOW Level Output
VCC = Min, IOL = Max
0.3
0.4
V
Voltage
VIH = Min, VIL = Max
II
Input Current @ Max
VCC = Max, VI = 5.5V
1
mA
Input Voltage
IIH
HIGH Level Input Current
VCC = Max, VI = 2.4V
40
µA
IIL
LOW Level Input
VCC = Max
BI/RBO
−4
mA
Current
VI = 0.4V
Others
−1.6
IOS
Short Circuit
VCC = Max
−4mA
Output Current
(BI/RBO)
ICC
Supply Current
VCC = Max
60
103
mA
(Note 10)
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
CL = 15 pF
100
ns
LOW-to-HIGH Level Output
RL = 120Ω
tPHL
Propagation Delay Time
100
ns
HIGH-to-LOW Level Output


同様の部品番号 - DM7447AN

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DM7447A NSC-DM7447A Datasheet
118Kb / 6P
   BCD to 7-Segment Decoders/Drivers
More results

同様の説明 - DM7447AN

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM7446A FAIRCHILD-DM7446A Datasheet
52Kb / 6P
   BCD to 7-Segment Decoders/Drivers
logo
National Semiconductor ...
DM7446A NSC-DM7446A Datasheet
118Kb / 6P
   BCD to 7-Segment Decoders/Drivers
logo
Texas Instruments
SN54246 TI-SN54246 Datasheet
423Kb / 11P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
logo
Motorola, Inc
SN54LS247 MOTOROLA-SN54LS247 Datasheet
280Kb / 8P
   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
logo
Texas Instruments
SN54LS347 TI-SN54LS347 Datasheet
178Kb / 3P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN74LS247NE4 TI1-SN74LS247NE4 Datasheet
931Kb / 12P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN5446A TI1-SN5446A_15 Datasheet
1Mb / 26P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN7447ANE4 TI1-SN7447ANE4 Datasheet
583Kb / 14P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
74LS47DE4 TI1-74LS47DE4 Datasheet
583Kb / 14P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN74LS47DR TI1-SN74LS47DR Datasheet
583Kb / 14P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com