データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD243C データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 BD243C
部品情報  Medium Power Linear and Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD243C データシート(HTML) 1 Page - Fairchild Semiconductor

  BD243C Datasheet HTML 1Page - Fairchild Semiconductor BD243C Datasheet HTML 2Page - Fairchild Semiconductor BD243C Datasheet HTML 3Page - Fairchild Semiconductor BD243C Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test :PW=300
µs, duty Cycle<20% Pulsed
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BD243
: BD243A
: BD243B
: BD243C
45
60
80
100
V
V
V
V
VCEO
Collector-Emitter Voltage
: BD243
: BD243A
: BD243B
: BD243C
45
60
80
100
V
V
V
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
6
A
ICP
*Collector Current (Pulse)
10
A
IB
Base Current
2
A
PC
Collector Dissipation (TC=25°C)
65
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
* Collector-Emitter Sustaining Voltage
: BD243
: BD243A
: BD243B
: BD243C
IC=30mA, IB=0
45
60
80
100
V
V
V
V
ICEO
Collector Cut-off Current
: BD243/243A
: BD243B/243C
VCE = 30V, IB = 0
VCE = 60V, IB = 0
0.7
0.7
mA
mA
ICES
Collector Cut-off Current
: BD243
: BD243A
: BD243B
: BD243C
VCE = 45V, VBE = 0
VCE = 60V, VBE = 0
VCE = 80V, VBE = 0
VCE = 100V, VBE = 0
0.4
0.4
0.4
0.4
mA
mA
mA
mA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
1
mA
hFE
*DC Current Gain
VCE = 4V, IC = 0.3A
VCE = 4V, IC = 3A
30
15
VCE(sat)
*Collector-Emitter Saturation Voltage
IC = 6A, IB = 1A
1.5
V
VBE(on)
*Base-Emitter ON Voltage
VCE = 4V, IC = 6A
2
V
BD243/A/B/C
Medium Power Linear and Switching
Applications
• Complement to BD244, BD244A, BD244B and BD244C respectively
1.Base
2.Collector
3.Emitter
1
TO-220


同様の部品番号 - BD243C

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
BD243C MOSPEC-BD243C Datasheet
127Kb / 3P
   POWER TRANSISTORS(6A,65W)
logo
ON Semiconductor
BD243C ONSEMI-BD243C Datasheet
97Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2007 - Rev. 12
logo
Motorola, Inc
BD243C MOTOROLA-BD243C Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243C ONSEMI-BD243C Datasheet
147Kb / 6P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 13
BD243C ONSEMI-BD243C Datasheet
140Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 7
More results

同様の説明 - BD243C

メーカー部品番号データシート部品情報
logo
Boca Semiconductor Corp...
2N6121 BOCA-2N6121 Datasheet
27Kb / 2P
   Medium Power Linear and Switching Applications
logo
Fairchild Semiconductor
BD238S FAIRCHILD-BD238S Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
BD677AS FAIRCHILD-BD677AS Datasheet
230Kb / 4P
   Medium Power Linear and Switching Applications
logo
Comset Semiconductor
BD241 COMSET-BD241 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
BD242 COMSET-BD242 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com