データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BDX54A データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 BDX54A
部品情報  Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDX54A データシート(HTML) 1 Page - Fairchild Semiconductor

  BDX54A Datasheet HTML 1Page - Fairchild Semiconductor BDX54A Datasheet HTML 2Page - Fairchild Semiconductor BDX54A Datasheet HTML 3Page - Fairchild Semiconductor BDX54A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW=300
µs, duty Cycle =1.5% Pulsed
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BDX54
: BDX54A
: BDX54B
: BDX54C
- 45
- 60
- 80
- 100
V
V
V
V
VCEO
Collector-Emitter Voltage : BDX54
: BDX54A
: BDX54B
: BDX54C
- 45
- 60
- 80
- 100
V
V
V
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current (DC)
- 8
A
ICP
*Collector Current (Pulse)
- 12
A
IB
Base Current
- 0.2
A
PC
Collector Dissipation (TC=25°C)
60
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
* Collector-Emitter Sustaining Voltage
: BDX54
: BDX54A
: BDX54B
: BDX54C
IC = - 100mA, IB = 0
- 45
- 60
- 80
- 100
V
V
V
V
ICBO
Collector Cut-off Current : BDX54
: BDX54A
: BDX54B
: BDX54C
VCB = - 45V, IE = 0
VCB = - 60V, IE = 0
VCB = - 80V, IE = 0
VCB = - 100V, IE = 0
- 200
- 200
- 200
- 200
µA
µA
µA
µA
ICEO
Collector Cut-off Current : BDX54
: BDX54A
: BDX54B
: BDX54C
VCE = - 22V, IB = 0
VCE = - 30V, IB = 0
VCE = - 40V, IB = 0
VCE = - 50V, IB = 0
- 500
- 500
- 500
- 500
µA
µA
µA
µA
IEBO
Emitter Cut-off Current
VEB = - 5V, IC = 0
- 2
mA
hFE
* DC Current Gain
VCE = - 3V, IC = - 3A
750
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = - 3A, IB = - 12mA
- 2
V
VBE(sat)
* Base-Emitter Saturation Voltage
IC = - 3A, IB = - 12mA
- 2.5
V
VF
* Parallel Diode Forward Voltage
IF = - 3A
IF = - 8A
- 1.8
- 2.5
- 2.5
V
V
BDX54/A/B/C
Hammer Drivers, Audio Amplifiers Applications
Power Liner and Switching Applications
• Power Darlington TR
• Complement to BDX53, BDX53A, BDX53B and BDX53C respectively
1.Base
2.Collector
3.Emitter
1
TO-220


同様の部品番号 - BDX54A

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
BDX54A MOSPEC-BDX54A Datasheet
187Kb / 4P
   POWER TRANSISTORS(8A.,45-100V,60W)
logo
Power Innovations Ltd
BDX54A POINN-BDX54A Datasheet
153Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDX54A TRSYS-BDX54A Datasheet
718Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDX54A BOURNS-BDX54A Datasheet
115Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
TRANSYS Electronics Lim...
BDX54A TEL-BDX54A Datasheet
49Kb / 2P
   NPN PLASTIC POWER TRANSISTORS
More results

同様の説明 - BDX54A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BDX53 FAIRCHILD-BDX53 Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
BDW24 FAIRCHILD-BDW24 Datasheet
38Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDW23 FAIRCHILD-BDW23 Datasheet
38Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDW93 FAIRCHILD-BDW93 Datasheet
39Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDX54CTU FAIRCHILD-BDX54CTU Datasheet
47Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications
BDW93CF FAIRCHILD-BDW93CF Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications
logo
Toshiba Semiconductor
2SB1457 TOSHIBA-2SB1457_09 Datasheet
157Kb / 5P
   Micro Motor Drive, Hammer Drive Applications Power Switching Applications Power Amplifier Applications
2SB1067 TOSHIBA-2SB1067_09 Datasheet
179Kb / 5P
   Micro-Moter Drive, Hammer Drive Applications Switching Applications Power Amplifier Applications
2SB907 TOSHIBA-2SB907_10 Datasheet
169Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB908 TOSHIBA-2SB908_10 Datasheet
171Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com