データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU406 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 BU406
部品情報  High Voltage Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BU406 データシート(HTML) 1 Page - Fairchild Semiconductor

  BU406 Datasheet HTML 1Page - Fairchild Semiconductor BU406 Datasheet HTML 2Page - Fairchild Semiconductor BU406 Datasheet HTML 3Page - Fairchild Semiconductor BU406 Datasheet HTML 4Page - Fairchild Semiconductor BU406 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
400
V
VCEO
Collector-Emitter Voltage
200
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current (DC)
7
A
ICP
Collector Current (Pulse)
10
A
IB
Base Current
4
A
PC
Collector Dissipation
60
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
ICES
Collector Cut-off Current
VCE = 400V, VBE = 0
VCE = 250V, VBE = 0
VCE = 250V, VBE = 0 @ TC=150°C
5
100
1
mA
µA
mA
IEBO
Emitter Cut-off Current
VBE = 6V, IC = 0
1
mA
VCE(sat)
Collector-Emitter Saturation Voltage
: BU406
: BU406H
: BU408
IC = 5A, IB = 0.5A
IC = 5A, IB = 0.8A
IC = 6A, IB = 1.2A
1
1
1
V
V
V
VBE(sat)
Base-Emitter Saturation Voltage
: BU406
: BU406H
: BU408
IC = 5A, IB = 0.5A
IC = 5A, IB = 0.5A
IC = 6A, IB = 1.2A
1.2
1.2
1.5
V
V
V
fT
Current Gain Bandwidth Product
VCE = 10V, IC = 0.5A
10
MHz
tOFF
Turn OFF Time
: BU406
: BU406H
: BU408
IC = 5A, IB = 0.5A
IC = 5A, IB = 0.8A
IC = 6A, IB = 1.2A
0.75
0.4
0.4
µs
µs
µs
BU406/406H/408
High Voltage Switching
• Use In Horizontal Deflection Output Stage
1.Base
2.Collector
3.Emitter
1
TO-220


同様の部品番号 - BU406

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
BU406 MOSPEC-BU406 Datasheet
106Kb / 3P
   POWER TRANSISTORS(7A,150-200V,60W)
logo
Dc Components
BU406 DCCOM-BU406 Datasheet
194Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
JILIN SINO-MICROELECTRO...
BU406 JSMC-BU406 Datasheet
287Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Motorola, Inc
BU406 MOTOROLA-BU406 Datasheet
100Kb / 4P
   7 AMPERES NPN SILICON POWER TRANSISTORS 60 WATTS 150 and 200 VOLTS
logo
ON Semiconductor
BU406 ONSEMI-BU406 Datasheet
127Kb / 3P
   NPN Power Transistors
May, 2009 ??Rev. 8
More results

同様の説明 - BU406

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KSA1156 FAIRCHILD-KSA1156 Datasheet
70Kb / 5P
   High Voltage Switching
BU407 FAIRCHILD-BU407 Datasheet
46Kb / 4P
   High Voltage Switching
KSA1156YS FAIRCHILD-KSA1156YS Datasheet
70Kb / 5P
   High Voltage Switching
logo
Sanyo Semicon Device
2SA1831 SANYO-2SA1831 Datasheet
87Kb / 3P
   High-Voltage Amp, High-Voltage Switching
logo
Toshiba Semiconductor
2SC5684 TOSHIBA-2SC5684_04 Datasheet
123Kb / 3P
   Switching Regulator and High-Voltage Switching
logo
Sanyo Semicon Device
2SC4257 SANYO-2SC4257 Datasheet
77Kb / 3P
   High-Voltage Amp, High-Voltage Switching Applications
2SC4634 SANYO-2SC4634 Datasheet
84Kb / 3P
   High-Voltage Amp, High-Voltage Switching Applications
2SC4636 SANYO-2SC4636 Datasheet
86Kb / 3P
   High-Voltage Amp, High-Voltage Switching Applications
2SC3676 SANYO-2SC3676 Datasheet
84Kb / 3P
   High-Voltage Amp, High-Voltage Switching Applications
2SA1968LS SANYO-2SA1968LS Datasheet
30Kb / 3P
   High-Voltage Amplifier, High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com