データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM3485EARZ-REEL7 データシート(PDF) 9 Page - Analog Devices

部品番号 ADM3485EARZ-REEL7
部品情報  짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM3485EARZ-REEL7 データシート(HTML) 9 Page - Analog Devices

Back Button ADM3485EARZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM3485EARZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM3485EARZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM3485EARZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM3485EARZ-REEL7 Datasheet HTML 9Page - Analog Devices ADM3485EARZ-REEL7 Datasheet HTML 10Page - Analog Devices ADM3485EARZ-REEL7 Datasheet HTML 11Page - Analog Devices ADM3485EARZ-REEL7 Datasheet HTML 12Page - Analog Devices ADM3485EARZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADM3485E
Rev. D | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
25
0
0
3.5
OUTPUT LOW VOLTAGE (V)
0.5
1.0
1.5
2.0
2.5
3.0
20
15
10
5
Figure 12. Output Current vs. Receiver Output Low Voltage
–18
0
0
3.5
OUTPUT HIGH VOLTAGE (V)
0.5
1.0
1.5
2.0
2.5
3.0
–16
–14
–12
–10
–8
–6
–4
–2
Figure 13. Output Current vs. Receiver Output High Voltage
TEMPERATURE (°C)
3.00
3.05
3.10
3.15
3.20
3.25
3.30
–50
–25
0
25
50
75
IRO = –1.5mA
Figure 14. Receiver Output High Voltage vs. Temperature
TEMPERATURE (°C)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
–40
10
60
85
IRO = 2.5mA
Figure 15. Receiver Output Low Voltage vs. Temperature
100
0
0
3.5
DIFFERENTIAL OUTPUT VOLTAGE (V)
0.5
1.0
1.5
2.0
2.5
3.0
90
80
70
60
50
40
30
20
10
Figure 16. Driver Output Current vs. Differential Output Voltage
2.6
1.6
–50
TEMPERATURE (°C)
–25
0
25
50
75
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
RL = 54Ω
Figure 17. Driver Differential Output Voltage vs. Temperature


同様の部品番号 - ADM3485EARZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM3485EARZ-REEL7 AD-ADM3485EARZ-REEL7 Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
More results

同様の説明 - ADM3485EARZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
logo
STMicroelectronics
ST3485EB STMICROELECTRONICS-ST3485EB_V01 Datasheet
441Kb / 24P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
Rev 11
ST3485EB STMICROELECTRONICS-ST3485EB Datasheet
823Kb / 22P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
ST1480AB STMICROELECTRONICS-ST1480AB Datasheet
822Kb / 22P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
ST1480US STMICROELECTRONICS-ST1480US Datasheet
445Kb / 21P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
Rev 1 - April 2021
logo
Analog Devices
ADM3483E AD-ADM3483E Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3077E AD-ADM3077E Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM485E AD-ADM485E Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM3485E AD-ADM3485E Datasheet
119Kb / 11P
   ESD Protected, EMC Compliant, 3.3 V, 20 Mbps, EIA RS-485 Transceiver
REV. A
logo
STMicroelectronics
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
   /-15 kV ESD protected, low power RS-485/RS-422 transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com