データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4013BCSJ データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 CD4013BCSJ
部品情報  Dual D-Type Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4013BCSJ データシート(HTML) 3 Page - Fairchild Semiconductor

  CD4013BCSJ Datasheet HTML 1Page - Fairchild Semiconductor CD4013BCSJ Datasheet HTML 2Page - Fairchild Semiconductor CD4013BCSJ Datasheet HTML 3Page - Fairchild Semiconductor CD4013BCSJ Datasheet HTML 4Page - Fairchild Semiconductor CD4013BCSJ Datasheet HTML 5Page - Fairchild Semiconductor CD4013BCSJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
(Note 3)
Recommended Operating
Conditions (Note 3)
Note 2: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed, they are not meant to imply that
the devices should be operated at these limits. The tables of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provide con-
ditions for actual device operation.
Note 3: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 3)
Note 4: IOH and IOL are measured one output at a time.
DC Supply Voltage (VDD)
−0.5 V
DC to +18 VDC
Input Voltage (VIN)
−0.5 V
DC to VDD +0.5 VDC
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
DC Supply Voltage (VDD)
+3 V
DC to +15 VDC
Input Voltage (VIN)0 VDC to VDD VDC
Operating Temperature Range (TA)
−40°C to +85°C
Symbol
Parameter
Conditions
−40°C
+25°C
+85°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD = 5V, VIN = VDD or VSS
4.0
4.0
30
µA
Current
VDD = 10V, VIN = VDD or VSS
8.0
8.0
60
µA
VDD = 15V, VIN = VDD or VSS
16.0
16.0
120
µA
VOL
LOW Level
|IO| < 1.0 µA
Output Voltage
VDD = 5V
0.05
0.05
0.05
V
VDD = 10V
0.05
0.05
0.05
V
VDD = 15V
0.05
0.05
0.05
V
VOH
HIGH Level
|IO| < 1.0 µA
Output Voltage
VDD = 5V
4.95
4.95
4.95
V
VDD = 10V
9.95
9.95
9.95
V
VDD = 15V
14.95
14.95
14.95
V
VIL
LOW Level
|IO| < 1.0 µA
Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
1.5
1.5
1.5
V
VDD = 10V, VO = 1.0V or 9.0V
3.0
3.0
3.0
V
VDD = 15V, VO = 1.5V or 13.5V
4.0
4.0
4.0
V
VIH
HIGH Level
|IO| < 1.0 µA
Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
3.5
3.5
3.5
V
VDD = 10V, VO = 1.0V or 9.0V
7.0
7.0
7.0
V
VDD = 15V, VO = 1.5V or 13.5V
11.0
11.0
11.0
V
IOL
LOW Level Output
VDD = 5V, VO = 0.4V
0.52
0.44
0.88
0.36
mA
Current (Note 4)
VDD = 10V, VO = 0.5V
1.3
1.1
2.25
0.9
mA
VDD = 15V, VO = 1.5V
3.6
3.0
8.8
2.4
mA
IOH
HIGH Level Output
VDD = 5V, VO = 4.6V
−0.52
−0.44
−0.88
−0.36
mA
Current (Note 4)
VDD = 10V, VO = 9.5V
−1.3
−1.1
−2.25
−0.9
mA
VDD = 15V, VO = 13.5V
−3.6
−3.0
−8.8
−2.4
mA
IIN
Input Current
VDD = 15V, VIN = 0V
−0.3
−10−5
−0.3
−1.0
µA
VDD = 15V, VIN = 15V
0.3
10−5
0.3
1.0
µA


同様の部品番号 - CD4013BCSJ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
CD4013BCSJ FAIRCHILD-CD4013BCSJ Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
CD4013BCSJ FAIRCHILD-CD4013BCSJ Datasheet
90Kb / 7P
   Dual D-Type Flip-Flop
More results

同様の説明 - CD4013BCSJ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
   Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B Datasheet
209Kb / 8P
   Dual Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
   Dual D-type flip-flop
1996 Mar 12
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
   Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
   Dual D-type flip-flop
May 2013 Rev 4
logo
Nexperia B.V. All right...
HEF4013B NEXPERIA-HEF4013B Datasheet
247Kb / 14P
   Dual D-type flip-flop
Rev. 11 - 9 March 2023
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com