データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD40175BCN データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 CD40175BCN
部品情報  Hex D-Type Flip-FlopQuad D-Type Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD40175BCN データシート(HTML) 3 Page - Fairchild Semiconductor

  CD40175BCN Datasheet HTML 1Page - Fairchild Semiconductor CD40175BCN Datasheet HTML 2Page - Fairchild Semiconductor CD40175BCN Datasheet HTML 3Page - Fairchild Semiconductor CD40175BCN Datasheet HTML 4Page - Fairchild Semiconductor CD40175BCN Datasheet HTML 5Page - Fairchild Semiconductor CD40175BCN Datasheet HTML 6Page - Fairchild Semiconductor CD40175BCN Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
(Note 3)
Recommended Operating
Conditions (Note 3)
Note 2: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. They are not meant to imply
that the devices should be operated at these limits. The tables of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provide con-
ditions for actual device operation.
Note 3: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 3)
CD40174BC/CD40175BC
Note 4: IOH and IOL are tested one output at a time.
DC Supply Voltage (VDD)
−0.5V to +18V
Input Voltage (VIN)
−0.5V to V
DD +0.5VDC
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
DC Supply Voltage (VDD)
3V to 15 VDC
Input Voltage (VIN)
0V to VDD VDC
Operating Temperature Range (TA)
−40°C to +85°C
Symbol
Parameter
Conditions
−40°C
+25°C
+85°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD = 5V, VIN = VDD or VSS
44
30
µA
Current
VDD = 10V, VIN = VDD or VSS
88
60
µA
VDD = 15V, VIN = VDD or VSS
16
16
120
µA
VOL
LOW Level
VDD = 5V
0.05
0.05
0.05
V
Output Voltage
VDD = 10V
0.05
0.05
0.05
V
VDD = 15V
0.05
0.05
0.05
V
VOH
HIGH Level
VDD = 5V
4.95
4.95
5
4.95
V
Output Voltage
VDD = 10V
9.95
9.95
10
9.95
V
VDD = 15V
14.95
14.95
15
14.95
V
VIL
LOW Level
VDD = 5V, VO = 0.5V or 4.5V
1.5
1.5
1.5
V
Input Voltage
VDD = 10V, VO = 1V or 9V
3.0
3.0
3.0
V
VDD = 15V, VO = 1.5V or 13.5V
4.0
4.0
4.0
V
VIH
HIGH Level
VDD = 5V, VO = 0.5V or 4.5V
3.5
3.5
3.5
V
Input Voltage
VDD = 10V, VO = 1V or 9V
7.0
7.0
7.0
V
VDD = 15V, VO = 1.5V or 13.5V
11.0
11.0
11.0
V
IOL
LOW Level Output
VDD = 5V, VO = 0.4V
0.52
0.44
0.88
0.36
mA
Current (Note 4)
VDD = 10V, VO = 0.5V
1.3
1.1
2.25
0.9
mA
VDD = 15V, VO = 1.5V
3.6
3.0
8.8
2.4
mA
IOH
HIGH Level Output
VDD = 5V, VO = 4.6V
−0.52
−0.44 −0.88
−0.36
mA
Current (Note 4)
VDD = 10V, VO = 9.5V
−1.3
−1.1
−2.25
−0.9
mA
VDD = 15V, VO = 13.5V
−3.6
−3.0
−8.8
−2.4
mA
IIN
Input Current
VDD = 15V, VIN = 0V
−0.30
−10−5 −0.30
−1.0
µA
VDD = 15V, VIN = 15V
0.30
10−5
0.30
1.0
µA


同様の部品番号 - CD40175BCN

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
CD40175BCN NSC-CD40175BCN Datasheet
135Kb / 6P
   Hex,Quad D Flip-Flop
More results

同様の説明 - CD40175BCN

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
   Hex D-Type Flip-Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
   Hex Type D Flip-Flop
June, 2011 ??Rev. 7
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
   Hex Type D Flip-Flop
May, 2013 ??Rev. 8
logo
Texas Instruments
CD74AC174 TI1-CD74AC174_14 Datasheet
833Kb / 14P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP
logo
Hitachi Semiconductor
HD14174B HITACHI-HD14174B Datasheet
74Kb / 7P
   Hex D-type Flip Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B Datasheet
170Kb / 8P
   Hex Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF40174B PHILIPS-HEF40174B Datasheet
62Kb / 5P
   Hex D-type flip-flop
January 1995
logo
ON Semiconductor
MC14174B_0008 ONSEMI-MC14174B_0008 Datasheet
95Kb / 8P
   Hex Type D Flip-Flop
August, 2000 ??Rev. 4
logo
Fairchild Semiconductor
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
   Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
   Quad D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com