データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMBT5087LT3G データシート(PDF) 3 Page - Leshan Radio Company

部品番号 LMBT5087LT3G
部品情報  Low Noise Transistor PNP Silicon RoHS requirements.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT5087LT3G データシート(HTML) 3 Page - Leshan Radio Company

  LMBT5087LT3G Datasheet HTML 1Page - Leshan Radio Company LMBT5087LT3G Datasheet HTML 2Page - Leshan Radio Company LMBT5087LT3G Datasheet HTML 3Page - Leshan Radio Company LMBT5087LT3G Datasheet HTML 4Page - Leshan Radio Company LMBT5087LT3G Datasheet HTML 5Page - Leshan Radio Company LMBT5087LT3G Datasheet HTML 6Page - Leshan Radio Company LMBT5087LT3G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
3/7
Noise Figure is Defined as:
NF = 20 log
10 ( –––––––––––––––)
1/ 2
e
n = Noise Voltage of the Transistor referred to the input. (Figure 3)
I
n
= Noise Current of the Transistor referred to the input. (Figure 4)
K
= Boltzman’s Constant (1.38 x 10 –23 j/°K)
T
= Temperature of the Source Resistance (°K)
R
s = Source Resistance ( Ω )
e
n
2 + 4KTR
S + I n
2 R
S
2
4KTR
S
LMBT5087LT1G
TYPICAL NOISE CHARACTERISTICS
(V
CE = – 5.0 Vdc, T A = 25°C)
f, FREQUENCY (Hz)
Figure 1. Noise Voltage
f, FREQUENCY (Hz)
Figure 2. Noise Current
I
C , COLLECTOR CURRENT (µA)
Figure 3. Narrow Band, 100 Hz
I
C , COLLECTOR CURRENT (µA)
Figure 5. Wideband
I
C , COLLECTOR CURRENT (µA)
Figure 4. Narrow Band, 1.0 kHz
BANDWIDTH = 1.0 Hz
R
S
0
I
C=10 µA
100
µA
30
µA
300
µA
1.0mA
BANDWIDTH = 1.0 Hz
R
S
I
C=1.0mA
300
µA
100
µA
30
µA
BANDWIDTH = 1.0 Hz
BANDWIDTH = 1.0 Hz
NOISE FIGURE CONTOURS
(V
CE = – 5.0 Vdc, T A = 25°C)
10
7.0
5.0
3.0
2.0
1.0
10
20
50
100
200
500
1.0k
2.0k
5.0k
10k
10
20
50
100
200
500
1.0k
2.0k
5.0k
10k
10.0
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1
1.0M
500k
200k
100k
50k
20k
10k
5.0k
2.0k
1.0k
500
200
100
10
20
30
50
70
100
200
300
500
700 1.0K
10
20
30
50
70
100
200
300
500
700 1.0K
10
20
30
50
70
100
200
300
500
700 1.0K
0.5dB
1.0dB
2.0dB
3.0dB
1.0dB
2.0dB
3.0dB
5.0dB
0.5dB
1.0dB
2.0dB
3.0 dB
5.0dB
10 Hz to 15.7kHz
10
µA
0.5dB
1.0M
500k
200k
100k
50k
20k
10k
5.0k
2.0k
1.0k
500
200
100
1.0M
500k
200k
100k
50k
20k
10k
5.0k
2.0k
1.0k
500
200
100
5.0dB
~
~
~
~


同様の部品番号 - LMBT5087LT3G

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LMBT5087LT1 LRC-LMBT5087LT1 Datasheet
144Kb / 6P
   Low Noise Transistor
LMBT5087LT1G LRC-LMBT5087LT1G Datasheet
144Kb / 6P
   Low Noise Transistor
LMBT5087LT1G LRC-LMBT5087LT1G_15 Datasheet
163Kb / 7P
   Low Noise Transistor
More results

同様の説明 - LMBT5087LT3G

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LMBT6520LT1G LRC-LMBT6520LT1G_11 Datasheet
246Kb / 6P
   High Voltage Transistor PNP Silicon RoHS requirements.
LMBTA55LT1G LRC-LMBTA55LT1G Datasheet
90Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
LMBTA56WT1G LRC-LMBTA56WT1G Datasheet
131Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
LMBTA94LT1G LRC-LMBTA94LT1G_11 Datasheet
90Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR RoHS requirements.
MMBT5087LT1 LRC-MMBT5087LT1 Datasheet
165Kb / 6P
   Low Noise Transistor(PNP Silicon)
logo
Central Semiconductor C...
CMPT992 CENTRAL-CMPT992 Datasheet
112Kb / 2P
   PNP SILICON LOW NOISE TRANSISTOR
logo
Leshan Radio Company
LMBT918LT1G LRC-LMBT918LT1G_11 Datasheet
75Kb / 3P
   VHF / UFH Transistor NPN Silicon RoHS requirements.
logo
Central Semiconductor C...
CMPT992 CENTRAL-CMPT992_15 Datasheet
329Kb / 2P
   SURFACE MOUNT PNP LOW NOISE SILICON TRANSISTOR
CMPT992 CENTRAL-CMPT992_10 Datasheet
329Kb / 2P
   SURFACE MOUNT PNP LOW NOISE SILICON TRANSISTOR
logo
Samsung semiconductor
MMBT5086 SAMSUNG-MMBT5086 Datasheet
70Kb / 2P
   PNP (LOW NOISE TRANSISTOR)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com