データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4515BCN データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 CD4515BCN
部品情報  4-Bit Latched/4-to-16 Line Decoders
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4515BCN データシート(HTML) 6 Page - Fairchild Semiconductor

  CD4515BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4515BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4515BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4515BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4515BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4515BCN Datasheet HTML 6Page - Fairchild Semiconductor CD4515BCN Datasheet HTML 7Page - Fairchild Semiconductor CD4515BCN Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
Applications
Two CD4512 8-channel data selectors are used here with
the CD4514B 4-bit latch/decoder to effect a complex data
routing system. A total of 16 inputs from data registers are
selected and transferred via a 3-STATE data bus to a data
distributor for rearrangement and entry into 16 output regis-
ters. In this way sequential data can be re-routed or inter-
mixed according to patterns determined by data select and
distribution inputs.
Data is placed into the routing scheme via the 8 inputs on
both CD4512 data selectors. One register is assigned to
each input. The signals on A0, A1 and A2 choose 1-of-8
inputs for transfer out to the 3-STATE data bus. A fourth
signal, labelled Dis, disables one of the CD4512 selectors,
assuring transfer of data from only one register.
In addition to a choice of input registers, 1–16, the rate of
transfer of the sequential information can also be varied.
That is, if the CD4512 were addressed at a rate that is 8
times faster than the shift frequency of the input registers,
the most significant bit (MSB) from each register could be
selected for transfer to the data bus. Therefore, all of the
most significant bits from all of the registers can be trans-
ferred to the data bus before the next most significant bit is
presented for transfer by the input registers.
Information from the 3-STATE bus is redistributed by the
CD4514B 4-bit latch/decoder. Using the 4-bit address,
INA–IND, the information on the inhibit line can be trans-
ferred to the addressed output line to the desired output
registers, A–P. This distribution of data bits to the output
registers can be made in many complex patterns. For
example, all of the most significant bits from the input regis-
ters can be routed into output register A, all of the next
most significant bits into register B, etc. In this way horizon-
tal, vertical, or other methods of data slicing can be imple-
mented.


同様の部品番号 - CD4515BCN

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
CD4515BCN FAIRCHILD-CD4515BCN Datasheet
235Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
More results

同様の説明 - CD4515BCN

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC_04 Datasheet
235Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
logo
National Semiconductor ...
CD4514BM NSC-CD4514BM Datasheet
135Kb / 6P
   4-Bit Latched/4-to-16 Line Decoders
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS_06 Datasheet
340Kb / 9P
   CMOS 4-Bit Latch/4-to-16 Line Decoders
logo
Texas Instruments
CD4514B TI1-CD4514B_16 Datasheet
1Mb / 15P
[Old version datasheet]   Cmos 4-Bit Latch/4-to-16 Line Decoders
CD4514BM96G4 TI-CD4514BM96G4 Datasheet
978Kb / 15P
[Old version datasheet]   CMOS 4-Bit Latch 4-to-16 Line Decoders
CD4514BM96G4 TI1-CD4514BM96G4 Datasheet
995Kb / 15P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS Datasheet
92Kb / 9P
   CMOS 4-Bit Latch/4-to-16 Line Decoders
December 1992
logo
Texas Instruments
CD4514B TI-CD4514B Datasheet
222Kb / 12P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
National Semiconductor ...
54154 NSC-54154 Datasheet
116Kb / 6P
   4-Line to 16-Line Decoders/Demultiplexers
DM54LS154 NSC-DM54LS154 Datasheet
120Kb / 6P
   4-Line to 16-Line Decoders/Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8