データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CNX82A.W データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 CNX82A.W
部品情報  6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNX82A.W データシート(HTML) 1 Page - Fairchild Semiconductor

  CNX82A.W Datasheet HTML 1Page - Fairchild Semiconductor CNX82A.W Datasheet HTML 2Page - Fairchild Semiconductor CNX82A.W Datasheet HTML 3Page - Fairchild Semiconductor CNX82A.W Datasheet HTML 4Page - Fairchild Semiconductor CNX82A.W Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
6
1
FEATURES
• Input/Output pin distance 10.16 mm
• UL recognized (File # E90700)
DESCRIPTION
The CNX82A.W, CNX83A.W, SL5582.W AND SL5583.W,
consist of a gallium arsenide infrared emitting diode driving a
silicon phototransistor in a 6-pin dual in-line package.
2
1
3NC
5
6
NC
SCHEMATIC
PIN 1. ANODE
2. CATHODE
3. NO CONNECTION
4. EMITTER
5. COLLECTOR
6. NO CONNECTION
CNX82A.W
SL5582.W
PIN 1. ANODE
2. CATHODE
3. NO CONNECTION
4. EMITTER
5. COLLECTOR
6. BASE
CNX83A.W
SL5583.W
4
2
1
3NC
5
6
4
6-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
CNX82A.W, CNX83A.W, SL5582.W & SL5583.W
APPLICATIONS
• Power supply regulators
• Digital logic inputs
• Microprocessor inputs
PACKAGE DIMENSIONS
0.016 (0.40)
0.008 (0.20)
0.070 (1.78)
0.045 (1.14)
0.350 (8.89)
0.330 (8.38)
0.154 (3.90)
0.100 (2.54)
0.200 (5.08)
0.115 (2.92)
0.004 (0.10)
MIN
0.270 (6.86)
0.240 (6.10)
0.400 (10.16)
TYP
0° to 15°
0.022 (0.56)
0.016 (0.41)
0.100 (2.54) TYP
NOTE
All dimensions are in inches (millimeters)
4/13/00
200024D
Parameter
Symbol
Value
Units
TOTAL DEVICE
TSTG
-55 to +150
°C
Storage Temperature
Operating Temperature
TOPR
-55 to +100
°C
Lead Solder Temperature
TSOL
260 for 10 sec
°C
Junction Temperature
TJ
125
°C
Total Device Power Dissipation @ TA = 25°CPD
250
mW
EMITTER
IF
100
mA
DC/Average Forward Input Current
Reverse Input Voltage
VR
5.0
V
Forward Current - Peak (1µs pulse, 300pps)
IF(pk)
3.0
A
LED Power Dissipation @ TA = 25°C
PD
140
mW
Derate above 25°C
1.33
mW/°C
DETECTOR
VCEO
50
V
Collector-Emitter Voltage
Collector-Base Voltage (CNX83A)
VCBO
70
V
Emitter-Collector Voltage
VECO
7V
Continuous Collector Current
IC
100
mA
Detector Power Dissipation @ TA = 25°C
PD
150
mW
Derate above 25°C
2.0
mW/°C
ABSOLUTE MAXIMUM RATINGS


同様の部品番号 - CNX82A.W

メーカー部品番号データシート部品情報
logo
QT Optoelectronics
CNX82A.W QT-CNX82A.W Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
CNX82A.W FAIRCHILD-CNX82A.W Datasheet
390Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A.W FAIRCHILD-CNX82A.W Datasheet
395Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

同様の説明 - CNX82A.W

メーカー部品番号データシート部品情報
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX35U FAIRCHILD-CNX35U Datasheet
146Kb / 8P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5501SD FAIRCHILD-SL5501SD Datasheet
534Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500SD FAIRCHILD-SL5500SD Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500S FAIRCHILD-SL5500S Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5582W FAIRCHILD-SL5582W Datasheet
395Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A_1 Datasheet
390Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com