データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD734ANZ データシート(PDF) 5 Page - Analog Devices

部品番号 AD734ANZ
部品情報  10 MHz, Four-Quadrant Multiplier/Divider
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD734ANZ データシート(HTML) 5 Page - Analog Devices

  AD734ANZ Datasheet HTML 1Page - Analog Devices AD734ANZ Datasheet HTML 2Page - Analog Devices AD734ANZ Datasheet HTML 3Page - Analog Devices AD734ANZ Datasheet HTML 4Page - Analog Devices AD734ANZ Datasheet HTML 5Page - Analog Devices AD734ANZ Datasheet HTML 6Page - Analog Devices AD734ANZ Datasheet HTML 7Page - Analog Devices AD734ANZ Datasheet HTML 8Page - Analog Devices AD734ANZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD734
Rev. E | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation
for TJ max = 175°C
500 mW
X, Y, and Z Input Voltages
VN to VP
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
Q-14
−65°C to +150°C
N-14
−65°C to +150°C
Operating Temperature Range
AD734A, AD734B (Industrial)
−40°C to +85°C
AD734S (Military)
−55°C to +125°C
Lead Temperature Range (Soldering, 60 sec)
+300°C
Transistor Count
81
ESD Rating
500 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
Unit
14-Lead PDIP (N-14)
150
°C/W
14-Lead CERDIP (Q-14)
110
°C/W
ESD CAUTION
W
12
DD
13
VP
14
X2
2
3
U0
U1
U2
X1
1
Z2
ER
VN
Y2
Y1
Z1
11
10
9
8
7
6
5
4
0.122
(3.0988)
0.093 (2.3622)
Figure 2. Chip Dimensions and Bonding Diagram, Dimensions shown in inches and (mm), (Contact factory for latest dimensions)


同様の部品番号 - AD734ANZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
More results

同様の説明 - AD734ANZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
AD734 AD-AD734 Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
AD834 AD-AD834_15 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com