データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD827JR-16 データシート(PDF) 3 Page - Analog Devices

部品番号 AD827JR-16
部品情報  High Speed, Low Power Dual Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD827JR-16 データシート(HTML) 3 Page - Analog Devices

  AD827JR-16 Datasheet HTML 1Page - Analog Devices AD827JR-16 Datasheet HTML 2Page - Analog Devices AD827JR-16 Datasheet HTML 3Page - Analog Devices AD827JR-16 Datasheet HTML 4Page - Analog Devices AD827JR-16 Datasheet HTML 5Page - Analog Devices AD827JR-16 Datasheet HTML 6Page - Analog Devices AD827JR-16 Datasheet HTML 7Page - Analog Devices AD827JR-16 Datasheet HTML 8Page - Analog Devices AD827JR-16 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD827J
AD827A/S
Model
Conditions
VS
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT RESISTANCE
Open Loop
15
15
POWER SUPPLY
Operating Range
±4.5
±18
±4.5
±18
V
Quiescent Current
±5 V
10
13
1013
mA
TMIN to TMAX
16
16.5/17.5
mA
±15 V
10.5
13.5
10.5
13.5
mA
TMIN to TMAX
16.5
17/18
mA
TRANSISTOR COUNT
92
92
NOTES
1 Offset voltage for the AD827 is guaranteed after power is applied and the device is fully warmed up. All other specifications are measured using high speed test equipment,
approximately 1 second after power is applied.
2 Full Power Bandwidth = Slew Rate/2
π V
PEAK.
3 Gain = +1, rising edge.
All min and max specifications are guaranteed.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
Plastic (N) Package (Derate at 10 mW/
°C) . . . . . . . . 1.5 W
Cerdip (Q) Package (Derate at 8.7 mW/
°C) . . . . . . . 1.3 W
Small Outline (R) Package (Derate at 10 mW/
°C) . . . 1.5 W
LCC (E) Package (Derate at 6.7 mW/
°C) . . . . . . . . . 1.0 W
Input Common-Mode Voltage . . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Output Short Circuit Duration
3 . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range (N, R) . . . . . . . –65
°C to +125°C
Storage Temperature Range (Q) . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
AD827J . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to 70°C
AD827A . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
AD827S . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature Range
(Soldering to 60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 300
°C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only, and functional operation of
the device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may affect device reliability.
2 Maximum internal power dissipation is specified so that T
J does not exceed 175
°C
at an ambient temperature of 25
°C.
Thermal Characteristics:
MiniDIP:
θ
JA = 100
°C/W; θ
JC = 33
°C/ W
Cerdip:
θ
JA = 110
°C/W; θ
JC = 30
°C/W
16-Lead Small Outline Package:
θ
JA = 100
°C/W
20-Lead LCC:
θ
JA = 150
°C/W; θ
JC = 35
°C/W
3 Indefinite short circuit duration is only permissible as long as the absolute
maximum power rating is not exceeded.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD827JN
0
°C to +70°C8-Lead Plastic DIP N-8
AD827JR
0
°C to +70°C
16-Lead Plastic SO R-16
AD827AQ
–40
°C to +85°C8-Lead Cerdip
Q-8
AD827SQ
–55
°C to +125°C8-Lead Cerdip
Q-8
AD827SQ/883B
–55
°C to +125°C8-Lead Cerdip
Q-8
5962-9211701MPA –55
°C to +125°C8-Lead Cerdip
Q-8
AD827SE/883B
–55
°C to +125°C 20-Lead LCC
E-20A
5962-9211701M2A –55
°C to +125°C 20-Lead LCC
E-20A
AD827JR-REEL
0
°C to +70°CTape & Reel
AD827JChips
0
°C to +70°CDie
AD827SChips
–55
°C to +125°CDie
METALLIZATION PHOTOGRAPH
Contact factory for latest dimensions.
Dimensions shown in inches and (mm).
Substrate is connected to V+.
AD827
REV. C
–3–


同様の部品番号 - AD827JR-16

メーカー部品番号データシート部品情報
logo
Analog Devices
AD827JR-REEL AD-AD827JR-REEL Datasheet
336Kb / 8P
   High Speed, Low Power Dual Op Amp
REV. B
AD827JR-REEL AD-AD827JR-REEL Datasheet
214Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827JR-REEL AD-AD827JR-REEL Datasheet
247Kb / 13P
   High Speed, Low Power Dual Op Amp
More results

同様の説明 - AD827JR-16

メーカー部品番号データシート部品情報
logo
Analog Devices
AD827 AD-AD827 Datasheet
336Kb / 8P
   High Speed, Low Power Dual Op Amp
REV. B
AD827JNZ AD-AD827JNZ Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827 AD-AD827_15 Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827 AD-AD827_17 Datasheet
247Kb / 13P
   High Speed, Low Power Dual Op Amp
AD827 AD-AD827_02 Datasheet
214Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
   Dual High Speed, Low Noise Op Amp
REV. C
AD847 AD-AD847 Datasheet
241Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847JNZ AD-AD847JNZ Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD849 AD-AD849_15 Datasheet
251Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com