データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM7438N データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 DM7438N
部品情報  Quad 2-Input NAND Buffers with Open-Collector Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM7438N データシート(HTML) 2 Page - Fairchild Semiconductor

  DM7438N Datasheet HTML 1Page - Fairchild Semiconductor DM7438N Datasheet HTML 2Page - Fairchild Semiconductor DM7438N Datasheet HTML 3Page - Fairchild Semiconductor DM7438N Datasheet HTML 4Page - Fairchild Semiconductor DM7438N Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Switching Characteristics
at VCC = 5V and TA = 25°C
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Supply Voltage
7V
Input Voltage
5.5V
Output Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
VOH
HIGH Level Output Voltage
5.5
V
IOL
LOW Level Output Current
48
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −12 mA
−1.5
V
ICEX
HIGH Level
VCC = Min, VO = 5.5V
250
µA
Output Current
VIL = Max
VOL
LOW Level
VCC = Min, IOL = Max
0.4
V
Output Voltage
VIH = Min
II
Input Current @ Max Input Voltage
VCC = Max, VI = 5.5V
1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.4V
40
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−1.6
mA
ICCH
Supply Current with Outputs HIGH
VCC = Max
5
8.5
mA
ICCL
Supply Current with Outputs LOW
VCC = Max
34
54
mA
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
CL = 45 pF
22
ns
LOW-to-HIGH Level Output
RL = 133Ω
tPHL
Propagation Delay Time
18
ns
HIGH-to-LOW Level Output


同様の部品番号 - DM7438N

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DM7430 NSC-DM7430 Datasheet
95Kb / 4P
   8-Input NAND Gate
DM7432 NSC-DM7432 Datasheet
88Kb / 4P
   QUAD 2-INPUT OR GATES
DM7432N NSC-DM7432N Datasheet
88Kb / 4P
   QUAD 2-INPUT OR GATES
DM7437N NSC-DM7437N Datasheet
93Kb / 4P
   Quad 2-Input NAND Buffers
DM7439 NSC-DM7439 Datasheet
82Kb / 4P
   DM7439 Quad 2-Input NAND Buffer with Open-Collector Output
More results

同様の説明 - DM7438N

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54LS38 NSC-54LS38 Datasheet
62Kb / 2P
   QUAD 2-INPUT NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
Texas Instruments
DM5438 TI1-DM5438 Datasheet
355Kb / 6P
[Old version datasheet]   DM5438 DM7438 Quad 2-Input NAND Buffers with Open-Collector Outputs
SN54ALS1003A TI-SN54ALS1003A Datasheet
42Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
Renesas Technology Corp
HD74LS38 RENESAS-HD74LS38 Datasheet
76Kb / 6P
   Quadruple 2-input Positive NAND Buffers (with Open Collector Outputs)
logo
Texas Instruments
SN54ALS03B TI-SN54ALS03B Datasheet
69Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS38B TI-SN54ALS38B Datasheet
69Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN5438 TI-SN5438 Datasheet
623Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS03B TI1-SN54ALS03B_14 Datasheet
695Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54F38 TI-SN54F38 Datasheet
69Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN5439 TI-SN5439 Datasheet
86Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com