データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7688BRMZ データシート(PDF) 8 Page - Analog Devices

部品番号 AD7688BRMZ
部品情報  16-Bit, 1.5 LSB INL, 500 kSPS PulSAR??Differential ADC in MSOP/QFN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7688BRMZ データシート(HTML) 8 Page - Analog Devices

Back Button AD7688BRMZ Datasheet HTML 4Page - Analog Devices AD7688BRMZ Datasheet HTML 5Page - Analog Devices AD7688BRMZ Datasheet HTML 6Page - Analog Devices AD7688BRMZ Datasheet HTML 7Page - Analog Devices AD7688BRMZ Datasheet HTML 8Page - Analog Devices AD7688BRMZ Datasheet HTML 9Page - Analog Devices AD7688BRMZ Datasheet HTML 10Page - Analog Devices AD7688BRMZ Datasheet HTML 11Page - Analog Devices AD7688BRMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7688
Rev. A | Page 8 of 28
TERMINOLOGY
Integral Nonlinearity Error (INL)
It refers to the deviation of each individual code from a line
drawn from negative full scale through positive full scale. The
point used as negative full scale occurs ½ LSB before the first
code transition. Positive full scale is defined as a level 1½ LSB
beyond the last code transition. The deviation is measured from
the middle of each code to the true straight line (Figure 25).
Differential Nonlinearity Error (DNL)
In an ideal ADC, code transitions are 1 LSB apart. DNL is the
maximum deviation from this ideal value. It is often specified in
terms of resolution for which no missing codes are guaranteed.
Zero Error
It is the difference between the ideal midscale voltage, that is, 0
V, from the actual voltage producing the midscale output code,
that is, 0 LSB.
Gain Error
The first transition (from 100 . . . 00 to 100 . . . 01) should occur
at a level ½ LSB above nominal negative full scale (−4.999924 V
for the ±5 V range). The last transition (from 011…10 to
011…11) should occur for an analog voltage 1½ LSB below the
nominal full scale (+4.999771 V for the ±5 V range.) The gain
error is the deviation of the difference between the actual level
of the last transition and the actual level of the first transition
from the difference between the ideal levels.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in decibels (dB), between the rms
amplitude of the input signal and the peak spurious signal.
Effective Number of Bits (ENOB)
ENOB is a measurement of the resolution with a sine wave
input. It is related to S/(N+D) by the following formula
ENOB = (S/[N + D]dB − 1.76)/6.02
and is expressed in bits.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of the first five harmonic
components to the rms value of a full-scale input signal and is
expressed in dB.
Dynamic Range
It is the ratio of the rms value of the full scale to the total rms
noise measured with the inputs shorted together. The value for
dynamic range is expressed in dB.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the actual input signal to the
rms sum of all other spectral components below the Nyquist
frequency, excluding harmonics and dc. The value for SNR is
expressed in dB.
Signal-to-(Noise + Distortion) Ratio (S/[N+D])
S/(N+D) is the ratio of the rms value of the actual input signal
to the rms sum of all other spectral components below the
Nyquist frequency, including harmonics but excluding dc. The
value for S/(N+D) is expressed in dB.
Aperture Delay
Aperature delay is the measure of the acquisition performance.
It is the time between the rising edge of the CNV input and
when the input signal is held for a conversion.
Transient Response
It is the time required for the ADC to accurately acquire its
input after a full-scale step function was applied.


同様の部品番号 - AD7688BRMZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7688BRMZ AD-AD7688BRMZ Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
AD7688BRMZ AD-AD7688BRMZ Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7688BRMZRL7 AD-AD7688BRMZRL7 Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
AD7688BRMZRL7 AD-AD7688BRMZRL7 Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
More results

同様の説明 - AD7688BRMZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7688BRMRL7 AD-AD7688BRMRL7 Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
AD7693 AD-AD7693 Datasheet
526Kb / 24P
   16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. PrB
AD7687BRMZ AD-AD7687BRMZ Datasheet
469Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. B
AD7688 AD-AD7688 Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7691 AD-AD7691 Datasheet
898Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP/QFN
REV. 0
AD7687 AD-AD7687 Datasheet
616Kb / 27P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
AD7688 AD-AD7688_15 Datasheet
535Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR
REV. B
AD7690BRMZ AD-AD7690BRMZ Datasheet
620Kb / 24P
   18-Bit, 1.5 LSB INL, 400 kSPS PulSAR짰 Differential ADC in MSOP/QFN
REV. B
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7686CRMZ AD-AD7686CRMZ Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com