データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7688BRMZ データシート(PDF) 1 Page - Analog Devices

部品番号 AD7688BRMZ
部品情報  16-Bit, 1.5 LSB INL, 500 kSPS PulSAR??Differential ADC in MSOP/QFN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7688BRMZ データシート(HTML) 1 Page - Analog Devices

  AD7688BRMZ Datasheet HTML 1Page - Analog Devices AD7688BRMZ Datasheet HTML 2Page - Analog Devices AD7688BRMZ Datasheet HTML 3Page - Analog Devices AD7688BRMZ Datasheet HTML 4Page - Analog Devices AD7688BRMZ Datasheet HTML 5Page - Analog Devices AD7688BRMZ Datasheet HTML 6Page - Analog Devices AD7688BRMZ Datasheet HTML 7Page - Analog Devices AD7688BRMZ Datasheet HTML 8Page - Analog Devices AD7688BRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
16-Bit, 1.5 LSB INL, 500 kSPS PulSAR™
Differential ADC in MSOP/QFN
AD7688
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2011 Analog Devices, Inc. All rights reserved.
FEATURES
16-bit resolution with no missing codes
Throughput: 500 kSPS
INL: ±0.4 LSB typ, ±1.5 LSB max (±23 ppm of FSR)
Dynamic range: 96.5 dB
SNR: 95.5 dB @ 20 kHz
THD: −118 dB @ 20 kHz
True differential analog input range
±VREF
0 V to VREF with VREF up to VDD on both inputs
No pipeline delay
Single-supply 5 V operation with
1.8 V/2.5 V/3 V/5 V logic interface
Serial interface SPI®/QSPI™/MICROWIRE™/DSP-compatible
Daisy-chain multiple ADCs and BUSY indicator
Power dissipation
3.75 mW @ 5 V/100 kSPS
3.75 μW @ 5 V/100 SPS
Standby current: 1 nA
10-lead MSOP (MSOP-8 size) and
3 mm × 3 mm QFN (LFCSP) (SOT-23 size)
Pin-for-pin compatible with AD7685, AD7686, and AD7687
APPLICATIONS
Battery-powered equipment
Data acquisitions
Instrumentation
Medical instruments
Process controls
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
16384
32768
49152
65535
POSITIVE INL = +0.31LSB
NEGATIVE INL = –0.39LSB
Figure 1. Integral Nonlinearity vs. Code
APPLICATION DIAGRAM
AD7688
REF
GND
VDD
IN+
IN–
VIO
SDI
SCK
SDO
CNV
1.8V TO VDD
3- OR 4-WIRE INTERFACE
(SPI, DAISY CHAIN, CS)
0.5V TO 5V
5V
VREF
0
VREF
0
Figure 2.
Table 1. MSOP, QFN (LFCSP)/SOT-23 16-Bit PulSAR ADC
Type
100 kSPS
250 kSPS
500 kSPS
True Differential
AD7684
AD7687
AD7688
Pseudo
AD7683
AD7685
AD7686
Differential/Unipolar
AD7694
Unipolar
AD7680
GENERAL DESCRIPTION
The AD7688 is a 16-bit, charge redistribution, successive
approximation, analog-to-digital converter (ADC) that operates
from a single 5 V power supply, VDD. It contains a low power,
high speed, 16-bit sampling ADC with no missing codes, an
internal conversion clock, and a versatile serial interface port.
The part also contains a low noise, wide bandwidth, short
aperture delay track-and-hold circuit. On the CNV rising edge,
it samples the voltage difference between IN+ and IN− pins.
The voltages on these pins usually swing in opposite phase
between 0 V and REF. The reference voltage, REF, is applied
externally and can be set up to the supply voltage.
Its power scales linearly with throughput.
The SPI-compatible serial interface also features the ability,
using the SDI input, to daisy-chain several ADCs on a single,
3-wire bus and provides an optional BUSY indicator. It is
compatible with 1.8 V, 2.5 V, 3 V, or 5 V logic, using the separate
supply VIO.
The AD7688 is housed in a 10-lead MSOP or a 10-lead QFN
(LFCSP) with operation specified from −40°C to +85°C.


同様の部品番号 - AD7688BRMZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7688BRMZ AD-AD7688BRMZ Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
AD7688BRMZ AD-AD7688BRMZ Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7688BRMZRL7 AD-AD7688BRMZRL7 Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
AD7688BRMZRL7 AD-AD7688BRMZRL7 Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
More results

同様の説明 - AD7688BRMZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7688BRMRL7 AD-AD7688BRMRL7 Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
AD7693 AD-AD7693 Datasheet
526Kb / 24P
   16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. PrB
AD7687BRMZ AD-AD7687BRMZ Datasheet
469Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. B
AD7688 AD-AD7688 Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7691 AD-AD7691 Datasheet
898Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP/QFN
REV. 0
AD7687 AD-AD7687 Datasheet
616Kb / 27P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
AD7688 AD-AD7688_15 Datasheet
535Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR
REV. B
AD7690BRMZ AD-AD7690BRMZ Datasheet
620Kb / 24P
   18-Bit, 1.5 LSB INL, 400 kSPS PulSAR짰 Differential ADC in MSOP/QFN
REV. B
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7686CRMZ AD-AD7686CRMZ Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com